Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

B3861 Datasheet (PDF) - EPCOS

B3861 Datasheet PDF - EPCOS
Part # B3861
Download  B3861 Download
File Size   76.76 Kbytes
Page   6 Pages
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS
Description SAW Components Bandpass Filter 250,0 MHz

B3861 Datasheet (PDF)

Go To PDF Page Download Datasheet
B3861 Datasheet PDF - EPCOS

Part # B3861
Download  B3861 Click to download

File Size   76.76 Kbytes
Page   6 Pages
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS
Description SAW Components Bandpass Filter 250,0 MHz

B3861 Datasheet (HTML) - EPCOS


B3861 Product details

Features
● IF filter for W-CDMA base station
● Usable bandwidth 4,0 MHz
● Temperature stable
● Ceramic SMD package




Similar Part No. - B3861

ManufacturerPart #DatasheetDescription
logo
EPCOS
B3860 EPCOS-B3860 Datasheet
63Kb / 5P
Low-Loss Filter SAW Components
B3862 EPCOS-B3862 Datasheet
61Kb / 6P
SAW Components Low-Loss Filter 51,00 MHz
B3863 EPCOS-B3863 Datasheet
108Kb / 7P
SAW Components Low-Loss Filter 72,9746 MHz
B3864 EPCOS-B3864 Datasheet
76Kb / 7P
SAW Components Low-Loss Filter 119,6 MHz
B3865 EPCOS-B3865 Datasheet
68Kb / 6P
SAW Components Low-Loss Filter 240,0 MHz
More results


Similar Description - B3861

ManufacturerPart #DatasheetDescription
logo
EPCOS
B8100 EPCOS-B8100 Datasheet
243Kb / 8P
SAW Components Bandpass Filter 110,59 MHz
B8110L EPCOS-B8110L Datasheet
70Kb / 7P
SAW Components Bandpass Filter 110,59 MHz
X6867D EPCOS-X6867D Datasheet
76Kb / 6P
SAW Components Bandpass Filter
X6874D EPCOS-X6874D Datasheet
79Kb / 6P
SAW Components Bandpass Filter
X6892D EPCOS-X6892D Datasheet
72Kb / 6P
SAW Components Bandpass Filter
X6933D EPCOS-X6933D Datasheet
82Kb / 6P
SAW Components Bandpass Filter
X6965M EPCOS-X6965M Datasheet
88Kb / 6P
SAW Components Bandpass Filter
X6966M EPCOS-X6966M Datasheet
88Kb / 6P
SAW Components Bandpass Filter
X6989D EPCOS-X6989D Datasheet
79Kb / 6P
SAW Components Bandpass Filter
X7251D EPCOS-X7251D Datasheet
118Kb / 9P
SAW Components Bandpass Filter
More results




About EPCOS


EPCOS AG (now TDK Electronics AG) was a German company that specialized in the design and manufacture of electronic components, including capacitors, inductors, and EMI filters.

The company was founded in 1919 and had its headquarters in Munich, Germany.

EPCOS was known for its high-quality products and innovative solutions, and it had a strong reputation in the electronics industry.

In 2009, EPCOS became a subsidiary of TDK Corporation, a multinational electronics company based in Japan.

Today, EPCOS operates as TDK Electronics and continues to provide a wide range of electronic components and solutions for use in a variety of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com