Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

B8110L Datasheet (PDF) - EPCOS

B8110L Datasheet PDF - EPCOS
Part # B8110L
Download  B8110L Download
File Size   70.56 Kbytes
Page   7 Pages
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS
Description SAW Components Bandpass Filter 110,59 MHz

B8110L Datasheet (PDF)

Go To PDF Page Download Datasheet
B8110L Datasheet PDF - EPCOS

Part # B8110L
Download  B8110L Click to download

File Size   70.56 Kbytes
Page   7 Pages
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS
Description SAW Components Bandpass Filter 110,59 MHz

B8110L Datasheet (HTML) - EPCOS


B8110L Product details

Features
■ IF filter for cordless application
■ Channel selection in DECT system
■ Low group delay ripple
■ Surface Mounted Technology (SMT)
■ Standard IC small outline (SO) package
■ Balanced and unbalanced operation possible
■ no matching required on 50 Ω




Similar Part No. - B8110L

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
B811 TDK-B811 Datasheet
200Kb / 25P
Laser marking for EPCOS film capacitors from Nashik and Zhuhai
April 8, 2016
logo
EPCOS
B81122 EPCOS-B81122 Datasheet
150Kb / 7P
EMI suppression capacitors (MKP) Y2 / 250 VAC
B81122A1103M EPCOS-B81122A1103M Datasheet
150Kb / 7P
EMI suppression capacitors (MKP) Y2 / 250 VAC
B81122A1104M EPCOS-B81122A1104M Datasheet
150Kb / 7P
EMI suppression capacitors (MKP) Y2 / 250 VAC
B81122A1153M EPCOS-B81122A1153M Datasheet
150Kb / 7P
EMI suppression capacitors (MKP) Y2 / 250 VAC
More results


Similar Description - B8110L

ManufacturerPart #DatasheetDescription
logo
EPCOS
B3861 EPCOS-B3861 Datasheet
76Kb / 6P
SAW Components Bandpass Filter 250,0 MHz
B4542 EPCOS-B4542 Datasheet
74Kb / 5P
SAW Components Low-Loss Filter 110,59 MHz
B8100 EPCOS-B8100 Datasheet
243Kb / 8P
SAW Components Bandpass Filter 110,59 MHz
X6867D EPCOS-X6867D Datasheet
76Kb / 6P
SAW Components Bandpass Filter
X6874D EPCOS-X6874D Datasheet
79Kb / 6P
SAW Components Bandpass Filter
X6892D EPCOS-X6892D Datasheet
72Kb / 6P
SAW Components Bandpass Filter
X6933D EPCOS-X6933D Datasheet
82Kb / 6P
SAW Components Bandpass Filter
X6965M EPCOS-X6965M Datasheet
88Kb / 6P
SAW Components Bandpass Filter
X6966M EPCOS-X6966M Datasheet
88Kb / 6P
SAW Components Bandpass Filter
X6989D EPCOS-X6989D Datasheet
79Kb / 6P
SAW Components Bandpass Filter
More results




About EPCOS


EPCOS AG (now TDK Electronics AG) was a German company that specialized in the design and manufacture of electronic components, including capacitors, inductors, and EMI filters.

The company was founded in 1919 and had its headquarters in Munich, Germany.

EPCOS was known for its high-quality products and innovative solutions, and it had a strong reputation in the electronics industry.

In 2009, EPCOS became a subsidiary of TDK Corporation, a multinational electronics company based in Japan.

Today, EPCOS operates as TDK Electronics and continues to provide a wide range of electronic components and solutions for use in a variety of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com