Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

B4049 Datasheet (PDF) - EPCOS

B4049 Datasheet PDF - EPCOS
Part # B4049
Download  B4049 Download
File Size   66.83 Kbytes
Page   6 Pages
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS
Description SAW Components Low-Loss Filter for Mobile Communication 1240,0 MHz

B4049 Datasheet (PDF)

Go To PDF Page Download Datasheet
B4049 Datasheet PDF - EPCOS

Part # B4049
Download  B4049 Click to download

File Size   66.83 Kbytes
Page   6 Pages
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS
Description SAW Components Low-Loss Filter for Mobile Communication 1240,0 MHz

B4049 Datasheet (HTML) - EPCOS


B4049 Product details

Features
■ Low-loss RF filter for WLAN IF
■ Low amplitude ripple
■ Usable passband 20 MHz
■ Ceramic package for Surface Mounted Technology (SMT)




Similar Part No. - B4049

ManufacturerPart #DatasheetDescription
logo
MIC GROUP RECTIFIERS
B404 MIC-B404 Datasheet
45Kb / 2P
BLOCK TYPE AUTOMOTIVE PECTIFIER
B404-N MIC-B404-N Datasheet
45Kb / 2P
BLOCK TYPE AUTOMOTIVE PECTIFIER
B404-P MIC-B404-P Datasheet
45Kb / 2P
BLOCK TYPE AUTOMOTIVE PECTIFIER
logo
Siemens Semiconductor G...
B4040 SIEMENS-B4040 Datasheet
96Kb / 7P
SAW Components Low-Loss Duplexer for Mobile Communication
logo
EPCOS
B4041 EPCOS-B4041 Datasheet
66Kb / 7P
SAW filter 2450.00 MHz
More results


Similar Description - B4049

ManufacturerPart #DatasheetDescription
logo
EPCOS
B3894 EPCOS-B3894 Datasheet
98Kb / 6P
SAW Components Low Loss Filter for Mobile Communication 210,00 MHz
B4052 EPCOS-B4052 Datasheet
72Kb / 7P
SAW Components Low-Loss Filter for Mobile Communication 447,0 MHz
B4114 EPCOS-B4114 Datasheet
114Kb / 8P
SAW Components Low Loss Filter for Mobile Communication 862,00 MHz
B4121 EPCOS-B4121 Datasheet
73Kb / 7P
SAW Components Low-Loss Filter for Mobile Communication 942,50 MHz
B4131 EPCOS-B4131 Datasheet
68Kb / 7P
SAW Components Low-Loss Filter for Mobile Communication 942,5 MHz
B4864 EPCOS-B4864 Datasheet
81Kb / 7P
SAW Components Low Loss Filter for Mobile Communication 183,60 MHz
B4865 EPCOS-B4865 Datasheet
92Kb / 6P
SAW Components Low Loss Filter for Mobile Communication 134,04 MHz
B4908 EPCOS-B4908 Datasheet
76Kb / 6P
SAW Components Low-Loss Filter for Mobile Communication 158,55 MHz
B4937 EPCOS-B4937 Datasheet
90Kb / 6P
SAW Components Low-Loss Filter for Mobile Communication 109,8 MHz
B4959 EPCOS-B4959 Datasheet
100Kb / 5P
SAW Components Low-Loss Filter for Mobile Communication 128,1 MHz
More results




About EPCOS


EPCOS AG (now TDK Electronics AG) was a German company that specialized in the design and manufacture of electronic components, including capacitors, inductors, and EMI filters.

The company was founded in 1919 and had its headquarters in Munich, Germany.

EPCOS was known for its high-quality products and innovative solutions, and it had a strong reputation in the electronics industry.

In 2009, EPCOS became a subsidiary of TDK Corporation, a multinational electronics company based in Japan.

Today, EPCOS operates as TDK Electronics and continues to provide a wide range of electronic components and solutions for use in a variety of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com