Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

B4049 Datasheet(PDF) 3 Page - EPCOS

Part # B4049
Description  SAW Components Low-Loss Filter for Mobile Communication 1240,0 MHz
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B4049 Datasheet(HTML) 3 Page - EPCOS

  B4049 Datasheet HTML 1Page - EPCOS B4049 Datasheet HTML 2Page - EPCOS B4049 Datasheet HTML 3Page - EPCOS B4049 Datasheet HTML 4Page - EPCOS B4049 Datasheet HTML 5Page - EPCOS B4049 Datasheet HTML 6Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
3
Apr 04, 2000
SAW Components
B4049
1240,0 MHz
Low-Loss Filter for Mobile Communication
Preliminary Data
Characteristics
Operating temperature range:
T
= 0 to +55 ˚C
Terminating source impedance:
ZS = 50 Ω
Terminating load impedance:
ZL = 50 Ω
min.
typ.
max.
Center frequency
fC
—
1240,0
—
MHz
Maximum insertion attenuation
α
max
1230,0
...1250,0
MHz
—
2,9
4,0
dB
Amplitude ripple (p-p)
∆α
1230,0
...1250,0
MHz
—
0,6
1,5
dB
Attenuation (relative to
α
max)
α
rel
0,0
...1150,0
MHz
40
53
—
dB
1150,0
...1200,0
MHz
35
39
—
dB
1200,0
...1212,0
MHz
27
30
—
dB
1268,0
...1500,0
MHz
24
27
—
dB
1500,0
... 2500,0
MHz
40
46
—
dB
2500,0
... 4000,0
MHz
17
21
—
dB



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com