Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SAA2023 Datasheet (PDF) - NXP Semiconductors

SAA2023 Datasheet PDF - NXP Semiconductors
Part # SAA2023
Download  SAA2023 Download
File Size   274.37 Kbytes
Page   56 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description Drive processor for DCC systems

SAA2023 Datasheet (PDF)

Go To PDF Page Download Datasheet
SAA2023 Datasheet PDF - NXP Semiconductors

Part # SAA2023
Download  SAA2023 Click to download

File Size   274.37 Kbytes
Page   56 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description Drive processor for DCC systems

SAA2023 Datasheet (HTML) - NXP Semiconductors


SAA2023 Product details

GENERAL DESCRIPTION
The SAA2023 performs the drive processor function in the DCC system. This function is built up of digital equalizer, error correction and tape formatting functions. The digital equalizer is intended for use with DCC read amplifiers TDA1318 or TDA1380. The tape formatting and error correction circuit is intended for use with PASC ICs SAA2003 and SAA2013, and write amplifiers TDA1319 or TDA1381.

FEATURES
• Operating supply voltage: 4.5 to 5.5 V
• Low power dissipation: 260 mW at 5.0 V
• Single chip digital equalizer, tape formatting and error correction
• 8-bit flash analog-to-digital converter (ADC) for low symbol error rate
• Two switchable Infinite Impulse-Response (IIR) filter sections
• 10-tap Finite Impulse-Response (FIR) filter per main data channel, with 8 bit coefficients, identical for all main channels
• 10-tap FIR filter for the AUX channel
• Analog and digital eye outputs
• Interrupt line triggered by internal auxiliary envelope processing e.g. label, counter, and others
• Robust programmable digital PLL clock extraction unit
• Low power SLEEP mode
• Slew rate limited Electromagnetic Compatibility (EMC) friendly output
• Digital Compact Cassette (DCC) optimized error correction
• Programmable symbol synchronization strategy for tape input data
• Microcontroller control of capstan servo possible during playback and recording
• Frequency and phase regulation of capstan servo during playback
• Choice of Dynamic Random Access Memory (DRAM) and Static Random Access Memory (SRAM) types for system Random Access Memory (RAM)
• Scratch pad RAM for microcontroller in system RAM
• Integrated interface for Precision Adaptive Sub-band Coding (PASC) data bus
• Three wire microcontroller ‘L3’ interface
• Protection against invalid auxiliary data
• Seamless joins between recordings.




Similar Part No. - SAA2023

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SAA2022 PHILIPS-SAA2022 Datasheet
208Kb / 52P
Tape formatting and error correction for the DCC system
February 1994
SAA2022GP PHILIPS-SAA2022GP Datasheet
208Kb / 52P
Tape formatting and error correction for the DCC system
February 1994
More results


Similar Description - SAA2023

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SAA2013 PHILIPS-SAA2013 Datasheet
137Kb / 32P
Adaptive allocation and scaling for PASC coding in DCC systems
May 1994
SAA2032 PHILIPS-SAA2032 Datasheet
105Kb / 28P
Digital equalization for the tape drive processing of the DCC system
February 1995
SAA3323 PHILIPS-SAA3323 Datasheet
274Kb / 56P
Drive processor for DCC systems
May 1994
logo
Rohm
BA7762AFS ROHM-BA7762AFS Datasheet
170Kb / 11P
Audio signal processor for minicomponent systems
logo
Sanyo Semicon Device
LC83026E SANYO-LC83026E Datasheet
283Kb / 16P
Digital Signal Processor for Karaoke Systems
logo
NXP Semiconductors
TDA4810 PHILIPS-TDA4810 Datasheet
968Kb / 14P
SYNC PROCESSOR AND HORIZONTAL DRIVE FOR MONITORS
May 1991
logo
List of Unclassifed Man...
DPL4519 ETC-DPL4519 Datasheet
1Mb / 64P
Sound Processor for Digital and Analog Surround Systems
logo
Rohm
BD9722FV ROHM-BD9722FV Datasheet
103Kb / 3P
System regulator for hard disk drive systems
logo
Maxim Integrated Produc...
MAX78630 MAXIM-MAX78630 Datasheet
900Kb / 77P
Energy Measurement Processor for Polyphase Monitoring Systems
Rev 3; 8/14
MAX78615 MAXIM-MAX78615 Datasheet
844Kb / 46P
Isolated Energy Measurement Processor for Polyphase Monitoring Systems
19-7541; Rev 0; 3/15
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.
The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.
NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.
The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.
NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com