Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SAA2013 Datasheet (PDF) - NXP Semiconductors

SAA2013 Datasheet PDF - NXP Semiconductors
Part # SAA2013
Download  SAA2013 Download
File Size   137.47 Kbytes
Page   32 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description Adaptive allocation and scaling for PASC coding in DCC systems

SAA2013 Datasheet (PDF)

Go To PDF Page Download Datasheet
SAA2013 Datasheet PDF - NXP Semiconductors

Part # SAA2013
Download  SAA2013 Click to download

File Size   137.47 Kbytes
Page   32 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description Adaptive allocation and scaling for PASC coding in DCC systems

SAA2013 Datasheet (HTML) - NXP Semiconductors


SAA2013 Product details

GENERAL DESCRIPTION
The SAA2013 performs the adaptive allocation and scaling function in the Precision Adaptive Sub-band Coding (PASC) system. It is not required in playback only applications, and is only used during recording. To complete the PASC processor, a SAA2003 stereo filter and codec is required.

FEATURES
• Wide operating voltage range: 2.7 to 5.5 V
• Low power consumption: 13 mW; 3.0 V
• Low power decode mode: 1 mW; 5.0 V
• Sleep mode for low power and low Electromagnetic Interference (EMI)
• Sophisticated allocation algorithm
• Optimum sound quality
• Three-wire L3 bus microcontroller interface
• Stereo or 2-channel mono recording
• Small surface mounted package (QFP; SOT307).




Similar Part No. - SAA2013

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SAA2003 PHILIPS-SAA2003 Datasheet
176Kb / 44P
Stereo filter and codec
May 1994
SAA2003H PHILIPS-SAA2003H Datasheet
176Kb / 44P
Stereo filter and codec
May 1994
SAA2022 PHILIPS-SAA2022 Datasheet
208Kb / 52P
Tape formatting and error correction for the DCC system
February 1994
SAA2022GP PHILIPS-SAA2022GP Datasheet
208Kb / 52P
Tape formatting and error correction for the DCC system
February 1994
SAA2023 PHILIPS-SAA2023 Datasheet
274Kb / 56P
Drive processor for DCC systems
May 1994
More results


Similar Description - SAA2013

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SAA2022 PHILIPS-SAA2022 Datasheet
208Kb / 52P
Tape formatting and error correction for the DCC system
February 1994
SAA2023 PHILIPS-SAA2023 Datasheet
274Kb / 56P
Drive processor for DCC systems
May 1994
SAA3323 PHILIPS-SAA3323 Datasheet
274Kb / 56P
Drive processor for DCC systems
May 1994
logo
National Semiconductor ...
LM10520 NSC-LM10520 Datasheet
3Mb / 18P
20A Adaptive Voltage Scaling (AVS) Evaluation Board
logo
Texas Instruments
LM10500 TI1-LM10500 Datasheet
1Mb / 32P
LM10500 5A Step-Down Energy Management Unit (EMU) With PowerWise짰 Adaptive Voltage Scaling (AVS)
LM10503 TI1-LM10503 Datasheet
645Kb / 43P
LM10503 Triple Buck Converter Energy Management Unit (EMU) with PowerWise짰 2.0 Adaptive Voltage Scaling (AVS) and ADC
LM10500 TI-LM10500_15 Datasheet
1Mb / 40P
5A Step-Down Energy Management Unit (EMU) With PowerWise Adaptive Voltage Scaling (AVS)
logo
List of Unclassifed Man...
RTD2523 ETC2-RTD2523 Datasheet
1Mb / 129P
Zoom scaling up and down
logo
Renesas Technology Corp
RAA228218 RENESAS-RAA228218 Datasheet
191Kb / 2P
Digital Single Output, 20-Phase PWM Controller with Adaptive Voltage Scaling Bus (AVSBus)
Jan.13.22
RAA228228 RENESAS-RAA228228 Datasheet
219Kb / 5P
Digital Double Output 20-Phase PWM Controller with Adaptive Voltage Scaling Bus (AVSBus)
May 17, 2021
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.
The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.
NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.
The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.
NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com