Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SAA2003 Datasheet (PDF) - NXP Semiconductors

SAA2003 Datasheet PDF - NXP Semiconductors
Part # SAA2003
Download  SAA2003 Download
File Size   176.81 Kbytes
Page   44 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description Stereo filter and codec

SAA2003 Datasheet (PDF)

Go To PDF Page Download Datasheet
SAA2003 Datasheet PDF - NXP Semiconductors

Part # SAA2003
Download  SAA2003 Click to download

File Size   176.81 Kbytes
Page   44 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description Stereo filter and codec

SAA2003 Datasheet (HTML) - NXP Semiconductors


SAA2003 Product details

GENERAL DESCRIPTION
The SAA2003 performs the sub-band filtering and audio frame codec functions in the Precision Adaptive Sub-band Coding (PASC) system. It can be used as a stand-alone decoder for playback only applications, but requires the addition of an Adaptive Allocation and Scale Factor processor (SAA2013) in order to perform PASC encoding in a DCC record system.

FEATURES
• Single-chip stereo filter and codec
• Wide operating voltage range: 2.7 to 5.5 V
• Low-power consumption: 98 mW; 3.0 V
• Sleep mode for low power and low Electromagnetic Interference (EMI)
• Transparent serial audio data mode in sleep
• IEC 958 digital output
• Peak level detector for start of track detection or VU meter
• Versatile fade processor; slow/fast fade, mute, 12 dB attenuation
• Serial audio interface for I2S or EIAJ formats
• Error concealment
• Three-wire L3 bus microcontroller interface
• Three sample rates:
    – 32 kHz
    – 44.1 kHz
    – 48 kHz
• Internal or external clock source
• Three programmable outputs
• Small surface mounted package (SOT307).




Similar Part No. - SAA2003

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SAA2013 PHILIPS-SAA2013 Datasheet
137Kb / 32P
Adaptive allocation and scaling for PASC coding in DCC systems
May 1994
SAA2013H PHILIPS-SAA2013H Datasheet
137Kb / 32P
Adaptive allocation and scaling for PASC coding in DCC systems
May 1994
SAA2022 PHILIPS-SAA2022 Datasheet
208Kb / 52P
Tape formatting and error correction for the DCC system
February 1994
SAA2022GP PHILIPS-SAA2022GP Datasheet
208Kb / 52P
Tape formatting and error correction for the DCC system
February 1994
SAA2023 PHILIPS-SAA2023 Datasheet
274Kb / 56P
Drive processor for DCC systems
May 1994
More results


Similar Description - SAA2003

ManufacturerPart #DatasheetDescription
logo
NEC
UPD63310 NEC-UPD63310 Datasheet
136Kb / 28P
STEREO SOUND CODEC
logo
NXP Semiconductors
SAA2520 PHILIPS-SAA2520 Datasheet
151Kb / 36P
Stereo filter and codec for MPEG layer 1 audio applications
August 1993
logo
Texas Instruments
TLV320AIC27 TI-TLV320AIC27 Datasheet
684Kb / 52P
STEREO AUDIO CODEC
logo
List of Unclassifed Man...
WM8734 ETC-WM8734 Datasheet
414Kb / 42P
STEREO AUDIO CODEC
logo
Wolfson Microelectronic...
WM8734 WOLFSON-WM8734_06 Datasheet
529Kb / 46P
Stereo Audio CODEC
logo
Texas Instruments
TLC320AD90 TI1-TLC320AD90 Datasheet
232Kb / 51P
Stereo Audio Codec
TLC320AD91 TI1-TLC320AD91 Datasheet
184Kb / 43P
Stereo Audio Codec
PCM3070 TI1-PCM3070_14 Datasheet
1Mb / 49P
Stereo Audio Codec
TLC320AD90C TI1-TLC320AD90C Datasheet
232Kb / 51P
Stereo Audio Codec
TLV320AIC27 TI1-TLV320AIC27_05 Datasheet
738Kb / 10P
STEREO AUDIO CODEC
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.
The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.
NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.
The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.
NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com