Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NCE100ED65VTP Datasheet (PDF) - Wuxi NCE Power Semiconductor Co., Ltd

NCE100ED65VTP Datasheet PDF - Wuxi NCE Power Semiconductor Co., Ltd
Part # NCE100ED65VTP
Download  NCE100ED65VTP Download
File Size   1185.98 Kbytes
Page   9 Pages
Manufacturer  NCEPOWER [Wuxi NCE Power Semiconductor Co., Ltd]
Direct Link  http://www.ncepower.com
Logo NCEPOWER - Wuxi NCE Power Semiconductor Co., Ltd
Description 650V 100A Trench FS Gen.7 IGBT

NCE100ED65VTP Datasheet (PDF)

Go To PDF Page Download Datasheet
NCE100ED65VTP Datasheet PDF - Wuxi NCE Power Semiconductor Co., Ltd

Part # NCE100ED65VTP
Download  NCE100ED65VTP Click to download

File Size   1185.98 Kbytes
Page   9 Pages
Manufacturer  NCEPOWER [Wuxi NCE Power Semiconductor Co., Ltd]
Direct Link  http://www.ncepower.com
Logo NCEPOWER - Wuxi NCE Power Semiconductor Co., Ltd
Description 650V 100A Trench FS Gen.7 IGBT

NCE100ED65VTP Datasheet (HTML) - Wuxi NCE Power Semiconductor Co., Ltd


NCE100ED65VTP Product details

General Description
Using NCE's proprietary high density trench gate design and advanced FS
(Field Stop) Gen.7 technology, the 650V Trench FS Gen.7 IGBT offers superior
conduction and switching performances, and easy parallel operation.

Features
 Trench field stop Gen.7 Technology Offering
 Low saturation voltage: VCEsat = 1.45V(Typ.) @ IC = 100 A
 High speed switching, low switching losses
 Maximum junction temperature Tvjmax = 175°C
 Tighten parameter distribution
 High ruggedness, temperature stable behavior
 Pb-free lead plating; RoHS compliant

Application
 PV power
 Three-level Solar String Inverter
 UPS




Similar Part No. - NCE100ED65VTP

ManufacturerPart #DatasheetDescription
logo
Wuxi NCE Power Semicond...
NCE100ED65VTP4 NCEPOWER-NCE100ED65VTP4 Datasheet
1Mb / 8P
650V 100A Trench FS Gen.7 IGBT
Preview
More results


Similar Description - NCE100ED65VTP

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FGH75T65UPD FAIRCHILD-FGH75T65UPD Datasheet
922Kb / 10P
650V, 75A Field Stop Trench IGBT
logo
Renesas Technology Corp
RJP65S06DWT RENESAS-RJP65S06DWT Datasheet
62Kb / 4P
650V - 100A - IGBT Application: Inverter
RJP65S06DWT RENESAS-RJP65S06DWT_15 Datasheet
64Kb / 4P
650V - 100A - IGBT Application: Inverter
logo
Wuxi NCE Power Semicond...
NCE20ED135T NCEPOWER-NCE20ED135T Datasheet
319Kb / 7P
1350V, 20A, Trench FS IGBT
logo
Rohm
RGT30NS65D ROHM-RGT30NS65D Datasheet
789Kb / 12P
650V 15A Field Stop Trench IGBT
RGT40NS65D ROHM-RGT40NS65D Datasheet
845Kb / 12P
650V 20A Field Stop Trench IGBT
logo
Shenzhen Huazhimei Semi...
HMG40N60T HMSEMI-HMG40N60T Datasheet
1Mb / 6P
600V, 40A, Trench FS II IGBT
HMG15N60D HMSEMI-HMG15N60D Datasheet
1Mb / 8P
600V, 15A, Trench FS II IGBT
logo
ON Semiconductor
FGY100T65SCDT ONSEMI-FGY100T65SCDT Datasheet
427Kb / 9P
Field Stop Trench IGBT, Short Circuit Rated, 650V, 100A
October, 2017 - Rev. 2
logo
Renesas Technology Corp
RJP65M06DWA RENESAS-RJP65M06DWA Datasheet
130Kb / 4P
650V - 100A - IGBT Application: Inverter
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com