Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RM35N250HD Datasheet (PDF) - Rectron Semiconductor

RM35N250HD Datasheet PDF - Rectron Semiconductor
Part # RM35N250HD
Download  RM35N250HD Download
File Size   204.96 Kbytes
Page   8 Pages
Manufacturer  RECTRON [Rectron Semiconductor]
Direct Link  http://www.rectron.com
Logo RECTRON - Rectron Semiconductor
Description 250V N-Ch Power MOSFET

RM35N250HD Datasheet (PDF)

Go To PDF Page Download Datasheet
RM35N250HD Datasheet PDF - Rectron Semiconductor

Part # RM35N250HD
Download  RM35N250HD Click to download

File Size   204.96 Kbytes
Page   8 Pages
Manufacturer  RECTRON [Rectron Semiconductor]
Direct Link  http://www.rectron.com
Logo RECTRON - Rectron Semiconductor
Description 250V N-Ch Power MOSFET

RM35N250HD Datasheet (HTML) - Rectron Semiconductor


RM35N250HD Product details

Feature
High Speed Power Switching
Enhanced Body diode dv/dtcapability
100% UIS tested
EnhancedAvalanche Ruggedness
Pb-free lead plating




Similar Part No. - RM35N250HD

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
RM35N30DF RECTRON-RM35N30DF Datasheet
249Kb / 7P
N-Channel Enhancement Mode Power MOSFET
RM35N30DN RECTRON-RM35N30DN Datasheet
527Kb / 7P
N-Channel Enhancement Mode Power MOSFET
2018-08/17 REV:A
RM35N80D3 RECTRON-RM35N80D3 Datasheet
407Kb / 7P
N-Channel Enhancement Mode MOSFET
2022-11/113 REV:O
More results


Similar Description - RM35N250HD

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UFP254 UTC-UFP254 Datasheet
132Kb / 3P
23A, 250V N-CHANNEL POWER MOSFET
12N25 UTC-12N25 Datasheet
194Kb / 5P
12A, 250V N-CHANNEL POWER MOSFET
UF3N25Z UTC-UF3N25Z Datasheet
150Kb / 3P
3A, 250V N-CHANNEL POWER MOSFET
12N25V UTC-12N25V Datasheet
204Kb / 5P
12A, 250V N-CHANNEL POWER MOSFET
UF624Z UTC-UF624Z Datasheet
221Kb / 7P
4.4A, 250V N-CHANNEL POWER MOSFET
logo
Taiwan Semiconductor Co...
TSM600N25E TSC-TSM600N25E Datasheet
456Kb / 7P
250V N-Channel Power MOSFET
logo
KODENSHI_AUK CORP.
SUN05A50D KODENSHI-SUN05A50D Datasheet
450Kb / 8P
N-Ch Power MOSFET
SUN05A50F KODENSHI-SUN05A50F Datasheet
477Kb / 8P
N-Ch Power MOSFET
SUN730D KODENSHI-SUN730D Datasheet
458Kb / 8P
N-Ch Power MOSFET
SUN830F KODENSHI-SUN830F Datasheet
440Kb / 8P
N-Ch Power MOSFET
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com