Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RM35N80D3 Datasheet (PDF) - Rectron Semiconductor

RM35N80D3 Datasheet PDF - Rectron Semiconductor
Part # RM35N80D3
Download  RM35N80D3 Download
File Size   407.38 Kbytes
Page   7 Pages
Manufacturer  RECTRON [Rectron Semiconductor]
Direct Link  http://www.rectron.com
Logo RECTRON - Rectron Semiconductor
Description N-Channel Enhancement Mode MOSFET

RM35N80D3 Datasheet (PDF)

Go To PDF Page Download Datasheet
RM35N80D3 Datasheet PDF - Rectron Semiconductor

Part # RM35N80D3
Download  RM35N80D3 Click to download

File Size   407.38 Kbytes
Page   7 Pages
Manufacturer  RECTRON [Rectron Semiconductor]
Direct Link  http://www.rectron.com
Logo RECTRON - Rectron Semiconductor
Description N-Channel Enhancement Mode MOSFET

RM35N80D3 Datasheet (HTML) - Rectron Semiconductor


RM35N80D3 Product details

Features
Advanced trench cell design
Low Thermal Resistance
BV ≥ 80 V ID ≤ 15 A Ptot $ 35 W
RDS(ON) ≤ 15.5 m2 @ VGs = 10 V
RDS(ON) ≤ 18.5 mQ @ VGs = 6 V
RDS(ON) ≤ 22.5 m2 @ VGs = 4.5 V




Similar Part No. - RM35N80D3

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
RM35N250HD RECTRON-RM35N250HD Datasheet
204Kb / 8P
250V N-Ch Power MOSFET
2021-06/69 REV:O
RM35N250T2 RECTRON-RM35N250T2 Datasheet
204Kb / 8P
250V N-Ch Power MOSFET
2021-06/69 REV:O
RM35N250T7 RECTRON-RM35N250T7 Datasheet
204Kb / 8P
250V N-Ch Power MOSFET
2021-06/69 REV:O
RM35N30DF RECTRON-RM35N30DF Datasheet
249Kb / 7P
N-Channel Enhancement Mode Power MOSFET
RM35N30DN RECTRON-RM35N30DN Datasheet
527Kb / 7P
N-Channel Enhancement Mode Power MOSFET
2018-08/17 REV:A
More results


Similar Description - RM35N80D3

ManufacturerPart #DatasheetDescription
logo
General Semiconductor
GFP60N03 GE-GFP60N03 Datasheet
115Kb / 5P
N-Channel Enhancement-Mode MOSFET
logo
SYNC POWER Crop.
SPN1012 SYNC-POWER-SPN1012 Datasheet
198Kb / 8P
N-Channel Enhancement Mode MOSFET
SPN1423A SYNC-POWER-SPN1423A Datasheet
211Kb / 8P
N-Channel Enhancement Mode MOSFET
SPN3406 SYNC-POWER-SPN3406 Datasheet
198Kb / 8P
N-Channel Enhancement Mode MOSFET
logo
Stanson Technology
ST2302M STANSON-ST2302M Datasheet
170Kb / 6P
N Channel Enhancement Mode MOSFET
logo
SYNC POWER Crop.
SPN4920A SYNC-POWER-SPN4920A Datasheet
235Kb / 8P
N-Channel Enhancement Mode MOSFET
SPN4972 SYNC-POWER-SPN4972 Datasheet
242Kb / 8P
N-Channel Enhancement Mode MOSFET
SPN8080 SYNC-POWER-SPN8080 Datasheet
239Kb / 10P
N-Channel Enhancement Mode MOSFET
SPN9507 SYNC-POWER-SPN9507 Datasheet
237Kb / 9P
N-Channel Enhancement Mode MOSFET
SPN9971 SYNC-POWER-SPN9971 Datasheet
269Kb / 10P
N-Channel Enhancement Mode MOSFET
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com