Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GM1431 Datasheet (PDF) - Gamma Microelectronics Inc.

GM1431 Datasheet PDF - Gamma Microelectronics Inc.
Part # GM1431
Download  GM1431 Download
File Size   225.63 Kbytes
Page   14 Pages
Manufacturer  GAMMA [Gamma Microelectronics Inc.]
Direct Link  http://www.gammamicro.com.tw/
Logo GAMMA - Gamma Microelectronics Inc.
Description ADJUSTABLE SHUNT REGULATOR

GM1431 Datasheet (PDF)

Go To PDF Page Download Datasheet
GM1431 Datasheet PDF - Gamma Microelectronics Inc.

Part # GM1431
Download  GM1431 Click to download

File Size   225.63 Kbytes
Page   14 Pages
Manufacturer  GAMMA [Gamma Microelectronics Inc.]
Direct Link  http://www.gammamicro.com.tw/
Logo GAMMA - Gamma Microelectronics Inc.
Description ADJUSTABLE SHUNT REGULATOR

GM1431 Datasheet (HTML) - Gamma Microelectronics Inc.


GM1431 Product details

Description

The GM1431 is a three terminal adjustable shunt regulator with thermal stability guaranteed over temperature. Output voltage can be adjusted to any value between 2.5V (Vref) and 36V by using two external resistors. The GM1431 has a typical dynamic output impedance of 0.2W. Active output circuitry provides a very unique turn on characteristic, making the GM1431 an excellent tum on replacement for zener diodes in many applications such as onboard regulation and adjustable power supplies. The GM1431 is an ideal voltage reference for 3.0 to 3.3V switching power supplies.



Features

♦ Sink Current Capability 1 mA to 100mA

♦ Low dynamic output impedance, 0.2W typ.

♦ 0.5%, 1% or 2% reference voltage tolerance

♦ Alternate for TL431, TL431, LM431 & AS431

♦ Temperature range 0°C to+ 70 °C

♦ Available in SOT-23, TO-92, SOT-89 and SOP- 8 packages



Application

♦ Switching power supplies

♦ Linear regulators

♦ Adjustable supplies

♦ Battery-operated computers

♦ Computer disk drives

♦ Instrumentation



 




Similar Part No. - GM1431

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
GM1431 ETC-GM1431 Datasheet
300Kb / 13P
Three Terminal adjustable shunt regulator with thermal Stability Guaranteed over temperature.
logo
Gamma Microelectronics ...
GM1431A GAMMA-GM1431A Datasheet
2Mb / 1P
Adjustable Shunt Regulators
logo
List of Unclassifed Man...
GM1431AS8R ETC-GM1431AS8R Datasheet
300Kb / 13P
Three Terminal adjustable shunt regulator with thermal Stability Guaranteed over temperature.
GM1431AS8T ETC-GM1431AS8T Datasheet
300Kb / 13P
Three Terminal adjustable shunt regulator with thermal Stability Guaranteed over temperature.
GM1431AST23B ETC-GM1431AST23B Datasheet
300Kb / 13P
Three Terminal adjustable shunt regulator with thermal Stability Guaranteed over temperature.
More results


Similar Description - GM1431

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
B3431 ETC-B3431 Datasheet
125Kb / 9P
Adjustable Shunt Regulator
AX432 ETC-AX432 Datasheet
176Kb / 7P
Adjustable Shunt Regulator
logo
Cystech Electonics Corp...
PL432XA3 CYSTEKEC-PL432XA3 Datasheet
204Kb / 9P
Adjustable shunt regulator
logo
SHANGHAI BELLING CO., L...
BL431 BELLING-BL431 Datasheet
908Kb / 12P
Adjustable shunt regulator
logo
List of Unclassifed Man...
GM432 ETC2-GM432 Datasheet
317Kb / 5P
Adjustable Shunt Regulator
logo
Semtech Corporation
SC431 SEMTECH-SC431_05 Datasheet
225Kb / 9P
Adjustable Shunt Regulator
logo
Cystech Electonics Corp...
LM432XA3 CYSTEKEC-LM432XA3 Datasheet
229Kb / 9P
Adjustable shunt regulator
logo
Hi-Sincerity Mocroelect...
H432 HSMC-H432 Datasheet
129Kb / 6P
Adjustable Shunt Regulator
logo
Samtec, Inc
SC431CSK-1TRT SAMTEC-SC431CSK-1TRT Datasheet
229Kb / 9P
Adjustable Shunt Regulator
logo
Cystech Electonics Corp...
TL432N3 CYSTEKEC-TL432N3 Datasheet
355Kb / 15P
Adjustable shunt regulator
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com