Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GM1431 Datasheet (PDF) - List of Unclassifed Manufacturers

GM1431 Datasheet PDF - List of Unclassifed Manufacturers
Part # GM1431
Download  GM1431 Download
File Size   300.17 Kbytes
Page   13 Pages
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers
Description Three Terminal adjustable shunt regulator with thermal Stability Guaranteed over temperature.

GM1431 Datasheet (PDF)

Go To PDF Page Download Datasheet
GM1431 Datasheet PDF - List of Unclassifed Manufacturers

Part # GM1431
Download  GM1431 Click to download

File Size   300.17 Kbytes
Page   13 Pages
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers
Description Three Terminal adjustable shunt regulator with thermal Stability Guaranteed over temperature.

GM1431 Datasheet (HTML) - List of Unclassifed Manufacturers


GM1431 Product details

[GAMMA]



Description

The GM1431 is a three terminal adjustable shunt regulator with thermal stability guaranteed over temperature. Output voltage can be adjusted to any value between 2.5V (Vref) and 36V by using two external resistors. The GM1431 has a typical dynamic output impedance of 0.2W. Active output circuitry provides a very unique turn on characteristic, making the GM1431 an excellent tum on replacement for zener diodes in many applications such as onboard regulation and adjustable power supplies. The GM1431 is an ideal voltage reference for 3.0 to 3.3V switching power supplies.



Features

♦ Sink Current Capability 1 mA to 100mA

♦ Low dynamic output impedance, 0.2W typ.

♦ 0.5%, 1% or 2% reference voltage tolerance

♦ Alternate for TL431, TL431, LM431 & AS431

♦ Temperature range 0°C to+ 70 °C

♦ Available in SOT-23, TO-92, SOT-89 and SOP- 8 packages



Application

♦ Switching power supplies

♦ Linear regulators

♦ Adjustable supplies

♦ Battery-operated computers

♦ Computer disk drives

♦ Instrumentation



 




Similar Part No. - GM1431

ManufacturerPart #DatasheetDescription
logo
Gamma Microelectronics ...
GM1431 GAMMA-GM1431 Datasheet
225Kb / 14P
ADJUSTABLE SHUNT REGULATOR
GM1431A GAMMA-GM1431A Datasheet
2Mb / 1P
Adjustable Shunt Regulators
GM1431AS8B GAMMA-GM1431AS8B Datasheet
225Kb / 14P
ADJUSTABLE SHUNT REGULATOR
GM1431AS8R GAMMA-GM1431AS8R Datasheet
225Kb / 14P
ADJUSTABLE SHUNT REGULATOR
GM1431AS8RL GAMMA-GM1431AS8RL Datasheet
225Kb / 14P
ADJUSTABLE SHUNT REGULATOR
More results


Similar Description - GM1431

ManufacturerPart #DatasheetDescription
logo
Estek Electronics Co. L...
ET431 ESTEK-ET431 Datasheet
197Kb / 3P
three-terminal adjustable regulator
logo
SeCoS Halbleitertechnol...
STL431 SECOS-STL431 Datasheet
731Kb / 3P
3-Terminal Adjustable Shunt Regulator
TL431 SECOS-TL431 Datasheet
583Kb / 3P
3-Terminal Adjustable Shunt Regulator
logo
First Components Intern...
TL432 FCI-TL432 Datasheet
88Kb / 2P
Adjustable Precision Shunt Regulator Guaranteed 1% Voltage Tolerance
logo
Texas Instruments
LM431 TI-LM431 Datasheet
1Mb / 23P
The LM431 is a 3-terminal adjustable shunt regulator with ensured temperature stability over the entire temperature range of operation.
logo
Guangdong Kexin Industr...
LM317LF KEXIN-LM317LF Datasheet
1Mb / 4P
Three-Terminal Adjustable Regulator
LM317LFR KEXIN-LM317LFR Datasheet
1Mb / 4P
Three-Terminal Adjustable Regulator
logo
STMicroelectronics
LM236-LM336 STMICROELECTRONICS-LM236-LM336 Datasheet
436Kb / 15P
Guaranteed temperature stability
29-May-2007
logo
AiT Semiconductor Inc.
A431A AITSEMI-A431A Datasheet
611Kb / 9P
SHUNT REGULATOR HIGH TEMPERATURE ADJUSTABLE PRECISION
REV1.0
A432A AITSEMI-A432A Datasheet
611Kb / 9P
SHUNT REGULATOR HIGH TEMPERATURE ADJUSTABLE PRECISION
REV1.0
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com