Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TL432 Datasheet (PDF) - First Components International

TL432 Datasheet PDF - First Components International
Part # TL432
Download  TL432 Download
File Size   88.65 Kbytes
Page   2 Pages
Manufacturer  FCI [First Components International]
Direct Link  http://www.cotra.com.tw/
Logo FCI - First Components International
Description Adjustable Precision Shunt Regulator Guaranteed 1% Voltage Tolerance

TL432 Datasheet (PDF)

Go To PDF Page Download Datasheet
TL432 Datasheet PDF - First Components International

Part # TL432
Download  TL432 Click to download

File Size   88.65 Kbytes
Page   2 Pages
Manufacturer  FCI [First Components International]
Direct Link  http://www.cotra.com.tw/
Logo FCI - First Components International
Description Adjustable Precision Shunt Regulator Guaranteed 1% Voltage Tolerance

TL432 Datasheet (HTML) - First Components International


TL432 Product details

This device has a typical output impedance of 0.2Ω. Active output circuitry provides a very sharp turn-on characteristic, making the TL432 an excellent replacement for Zener diodes in many applications, including on-board regulation and adjustable power supplies.

FEATURES
● Precise Reference Voltage to 1.240V
● Guaranteed 1% Voltage Tolerance
● Adjustable Output Voltage Vo = Vref to 18V
● Sink Current Capability , 80uA to 100mA
● Die size 0.85 x0.85mm2, Thickness 270+/- 30um
● TO-92 packages suffix T & SOT-23 suffix add LT1
● Tolerance 1% suffix add A, 0.5% suffix add B




Similar Part No. - TL432

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TL432 TI-TL432 Datasheet
795Kb / 41P
ADJUSTABLE PRECISION SHUNT REGULATORS
TL432 TI-TL432 Datasheet
787Kb / 40P
ADJUSTABLE PRECISION SHUNT REGULATORS
logo
HTC Korea TAEJIN Techno...
TL432 HTC-TL432 Datasheet
165Kb / 5P
Low Voltage(1.24V) Adjustable Precision Shunt Regulator
logo
Unisonic Technologies
TL432 UTC-TL432 Datasheet
103Kb / 3P
1.25V PRECISION ADJUSTABLE SHUNT REFERENCE REGULATORS
logo
Texas Instruments
TL432 TI-TL432 Datasheet
1Mb / 61P
ADJUSTABLE PRECISION SHUNT REGULATORS
More results


Similar Description - TL432

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
RC0431A FAIRCHILD-RC0431A Datasheet
540Kb / 9P
Low-Voltage Adjustable Precision Shunt Regulator
logo
International Rectifier
IRU431L IRF-IRU431L Datasheet
47Kb / 6P
LOW -VOLTAGE ADJUSTABLE PRECISION SHUNT REGULATOR
logo
Texas Instruments
TLVH431A TI-TLVH431A Datasheet
500Kb / 31P
LOW-VOLTAGE ADJUSTABLE PRECISION SHUNT REGULATOR
logo
KODENSHI_AUK CORP.
KK432 KODENSHI-KK432 Datasheet
324Kb / 6P
Low Voltage Adjustable Precision Shunt Regulator
logo
IK Semicon Co., Ltd
TL432 IKSEMICON-TL432 Datasheet
611Kb / 9P
Low Voltage Adjustable Precision Shunt Regulator
logo
Guangdong Kexin Industr...
TL432 KEXIN-TL432 Datasheet
318Kb / 8P
Low Voltage Adjustable Precision Shunt Regulator
logo
Microsemi Corporation
LX432 MICROSEMI-LX432_05 Datasheet
202Kb / 10P
Low Voltage Adjustable Precision Shunt Regulator
logo
Monolithic Power System...
MP8201 MPS-MP8201 Datasheet
188Kb / 7P
Precision Adjustable Shunt Voltage Regulator
logo
Leshan Radio Company
LR432AH LRC-LR432AH Datasheet
293Kb / 3P
Low Voltage Adjustable Precision Shunt Regulator
logo
Guangdong Kexin Industr...
KL432 KEXIN-KL432 Datasheet
118Kb / 2P
Low Voltage Adjustable Precision Shunt Regulator
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com