Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SAA2510 Datasheet (PDF) - NXP Semiconductors

SAA2510 Datasheet PDF - NXP Semiconductors
Part # SAA2510
Download  SAA2510 Download
File Size   126.29 Kbytes
Page   28 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description Video CD VCD decoder

SAA2510 Datasheet (PDF)

Go To PDF Page Download Datasheet
SAA2510 Datasheet PDF - NXP Semiconductors

Part # SAA2510
Download  SAA2510 Click to download

File Size   126.29 Kbytes
Page   28 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description Video CD VCD decoder

SAA2510 Datasheet (HTML) - NXP Semiconductors


SAA2510 Product details

GENERAL DESCRIPTION
MPEG1 audio and video CD (VCD) decoder, intended for use in low-cost dedicated video CD players. When used with a 4 Mbit DRAM and a digital video encoder, the decoder adds the required functionality to a CD decoder to implement a low-cost video CD player capable of playing discs coded to version 2.0 of the video CD specification. The SAA2510 is an I2C-bus controlled chip and features serial data input in four common bus formats. It provides digital video output in CCIR601 and 656 formats.

FEATURES
(With standard microcode loaded)
• Decoding and display of MPEG1 video streams (constrained parameters)
• Decoding of MPEG audio streams (layer II)
• Decoding, storage (compressed) and display of high-resolution still pictures of 704 × 576 pixels
• Requires only 4 Mbits of external 70 ns DRAM
• Audio transparency mode for CD-DA discs
• On-screen display capability
• Play options:
    – Play
    – Stop
    – Pause/continue
    – Slow-motion forward
    – Scan forward
    – Scan backward.
• Supports auto-pause feature
• Disc interface: Philips I2S, EIAJ, MEC formats and IEC 958 (EBU) interface
• Separate error flag input (EFIN) and data valid input (NDAV)
• Performs basic block decoder functions:
    – serial-to-parallel conversion
    – sync detection
    – descrambling
    – EDC calculation
    – error-correction for mode 2 form 1 sectors
    – header and sub-header interpretation.
• I2C-bus interface
• Video output YUV 4 : 2 : 2 format. DMSD bus compatible
• Also supports CCIR656 video interface, including line and field timing codes
• Audio output: 44.1 kHz. 16, 18 or 20 bits per audio sample in Philips I2S, Sony or MEC formats
• EBU audio output, fully transparent from input to output in CD-DA mode and generated in MPEG mode
• Downloadable microcode for internal controllers
• Internal video timing generator
• Requires 40 MHz crystal for system clock generation
• Requires 27 MHz crystal or external 27 MHz source for video timing generation
• Requires 16.9344 MHz (384 × 44.1 kHz) clock locked to CD drive
• Internal generation of 90 kHz MPEG clock
• Capability of sharing external DRAM by 3-stating all DRAM pins.

APPLICATION
• Dedicated video CD players.




Similar Part No. - SAA2510

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SAA2500 PHILIPS-SAA2500 Datasheet
199Kb / 47P
MPEG Audio Source Decoder
September 1994
SAA2500H PHILIPS-SAA2500H Datasheet
199Kb / 47P
MPEG Audio Source Decoder
September 1994
SAA2501 PHILIPS-SAA2501 Datasheet
206Kb / 52P
Digital Audio Broadcast DAB decoder
January 1995
SAA2501H PHILIPS-SAA2501H Datasheet
206Kb / 52P
Digital Audio Broadcast DAB decoder
January 1995
SAA2502 PHILIPS-SAA2502 Datasheet
318Kb / 64P
ISO/MPEG Audio Source Decoder
1997 Nov 17
More results


Similar Description - SAA2510

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC9411F TOSHIBA-TC9411F Datasheet
239Kb / 5P
CD GRAPHICS DECODER
logo
Sanyo Semicon Device
LC74201E SANYO-LC74201E Datasheet
246Kb / 21P
Video CD Decoder
LC7872E SANYO-LC7872E Datasheet
299Kb / 17P
CD Graphics Decoder
logo
Sony Corporation
CXD1186CQ SONY-CXD1186CQ Datasheet
454Kb / 46P
CD-ROM Decoder
CXD1803AQ SONY-CXD1803AQ Datasheet
385Kb / 46P
CD-ROM DECODER
CXD1804AR SONY-CXD1804AR Datasheet
794Kb / 103P
CD-ROM Decoder
CXD1804BR SONY-CXD1804BR Datasheet
813Kb / 103P
CD-ROM Decoder
CXD1806AQ SONY-CXD1806AQ Datasheet
1Mb / 48P
CD-ROM DECODER
CXD1818R SONY-CXD1818R Datasheet
895Kb / 112P
CD-ROM Decoder
logo
Winbond
W9923QF WINBOND-W9923QF Datasheet
35Kb / 1P
VCD Decoder with MP3
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.
The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.
NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.
The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.
NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com