Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SAA2502 Datasheet (PDF) - NXP Semiconductors

SAA2502 Datasheet PDF - NXP Semiconductors
Part # SAA2502
Download  SAA2502 Download
File Size   318.28 Kbytes
Page   64 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description ISO/MPEG Audio Source Decoder

SAA2502 Datasheet (PDF)

Go To PDF Page Download Datasheet
SAA2502 Datasheet PDF - NXP Semiconductors

Part # SAA2502
Download  SAA2502 Click to download

File Size   318.28 Kbytes
Page   64 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description ISO/MPEG Audio Source Decoder

SAA2502 Datasheet (HTML) - NXP Semiconductors


SAA2502 Product details

GENERAL DESCRIPTION
The SAA2502 is a second generation ISO/MPEG audio source decoder. The device specification has been enhanced with respect to the SAA2500 and SAA2501 ICs and therefore it offers in principle all features of its predecessors.
It supports layer I and II of MPEG1 and the MPEG2 requirements for a stereo decoder.

FEATURES
• Low sampling frequency decoding possibilities (24 kHz, 22.05 kHz and 16 kHz) of MPEG2 are supported
• A variety of output formats are supported: I2S, SPDIF and 256 or more times oversampled bit serial analog stereo
• Automatic internal dynamic range compression algorithm using programmable compression parameters
• Non byte-aligned coded input data is handled
• Built-in provisions to generate high quality sampling clocks for all six supported sampling frequencies; these sampling clocks may locked to an external PLL to support an extensive list of input data reference clock frequencies
• Bit-rate and sampling-rate settings may be overruled by the microcontroller while the SAA2502 is trying to establish frame synchronization
• Input interface mode which requests data based on
input buffer content, enables the handling of variable bit-rate input streams and input data offered in (fixed length) bursts
• An interrupt output pin which can generate interrupt
requests at the occurrence of various events; consequently polling by the microcontroller is not needed in most situations
• L3 and the I2C-bus microcontroller interface protocols are supported
• The control interface is always fully operational (also while STOP is asserted)
• CRC protection of scale factors is provided for all
supported sample frequencies.

APPLICATIONS
• Astra Digital Radio (ADR)
• Digital Audio Broadcast (DAB)
• Digital Versatile Disc (DVD)
• Digital Video Broadcast (DVB)
• General purpose MPEG2 audio decoding.




Similar Part No. - SAA2502

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SAA2500 PHILIPS-SAA2500 Datasheet
199Kb / 47P
MPEG Audio Source Decoder
September 1994
SAA2500H PHILIPS-SAA2500H Datasheet
199Kb / 47P
MPEG Audio Source Decoder
September 1994
SAA2501 PHILIPS-SAA2501 Datasheet
206Kb / 52P
Digital Audio Broadcast DAB decoder
January 1995
SAA2501H PHILIPS-SAA2501H Datasheet
206Kb / 52P
Digital Audio Broadcast DAB decoder
January 1995
SAA2503 PHILIPS-SAA2503 Datasheet
139Kb / 20P
MPEG2 audio decoder
1997 Jul 02
More results


Similar Description - SAA2502

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SAA2500 PHILIPS-SAA2500 Datasheet
199Kb / 47P
MPEG Audio Source Decoder
September 1994
logo
STMicroelectronics
STA013 STMICROELECTRONICS-STA013 Datasheet
300Kb / 38P
MPEG 2.5 LAYER III AUDIO DECODER
Feb-2004
logo
Sanyo Semicon Device
LC8230 SANYO-LC8230 Datasheet
138Kb / 7P
MPEG Audio Decoder LSI
logo
STMicroelectronics
STA003T STMICROELECTRONICS-STA003T Datasheet
309Kb / 32P
MPEG 2.5 LAYER III AUDIO DECODER
Jan-2002
STI3520ACV STMICROELECTRONICS-STI3520ACV Datasheet
1Mb / 15P
MPEG AUDIO / MPEG 2 VIDEO INTEGRATED DECODER
logo
Cirrus Logic
CS4922 CIRRUS-CS4922 Datasheet
662Kb / 34P
MPEG/G.729A AUDIO DECODER SYSTEM
logo
LSI Computer Systems
L64111 LSI-L64111 Datasheet
3Mb / 76P
MPEG AUDIO DECODER TECHNICAL MANUAL
logo
Winbond
W9986D WINBOND-W9986D Datasheet
128Kb / 1P
MPEG Audio Layer III Decoder
logo
Sony Corporation
CXD1930Q SONY-CXD1930Q Datasheet
42Kb / 4P
MPEG Video Decoder
logo
Renesas Technology Corp
MK1413 RENESAS-MK1413 Datasheet
339Kb / 8P
MPEG AUDIO CLOCK SOURCE
051310
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.
The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.
NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.
The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.
NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com