Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SAA2503 Datasheet (PDF) - NXP Semiconductors

SAA2503 Datasheet PDF - NXP Semiconductors
Part # SAA2503
Download  SAA2503 Download
File Size   139.01 Kbytes
Page   20 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description MPEG2 audio decoder

SAA2503 Datasheet (PDF)

Go To PDF Page Download Datasheet
SAA2503 Datasheet PDF - NXP Semiconductors

Part # SAA2503
Download  SAA2503 Click to download

File Size   139.01 Kbytes
Page   20 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description MPEG2 audio decoder

SAA2503 Datasheet (HTML) - NXP Semiconductors


SAA2503 Product details

GENERAL DESCRIPTION
The SAA2503 incorporates all necessary functions, such as MPEG2 multichannel audio decoding plus down-mixing, MPEG1 layer 2 decoding, Linear PCM (LPCM) processing all producing high quality audio. Together with the serial audio interfaces and the IEC 958 transmitter this allows for the complete audio function of a DVD player in a single chip.

FEATURES
• Single-chip MPEG2 multichannel audio decoder
• Decodes MPEG high quality audio:
    – MPEG1 layer 2 (44.1 kHz)
    – MPEG2 multichannel layer 2 (48 kHz)
    – Supports pause frames
• Outputs 2 channels
    – Quasi surround down-mixing for Left and Right Dolby surround channel (Lt and Rt)
    – Stereo down-mixing for stereo reproduction
    – Stereo signal selection
    – Single channel down-mixing
• Karaoke modes
• Linear PCM modes:
    – Down-sampling from 96 to 48 kHz
    – Pass 48 kHz signals
• Bitstream input interface I2S-bus (IEC 1937 formatted)
• IEC 958 output interface (IEC 1937 formatted)
• IEC 958 output simultaneously available while decoding MPEG2
• I2C-bus control
• Output flags for direct control
• Stand-alone operation possible (self-booting)
• No external DRAM or SRAM required
• On-chip PLL for internal clock generation
• 13.5 or 27 MHz master clock
• 100 pins plastic LQFP package
• 5 V power supply.

APPLICATIONS
This IC is mainly intended for use in Digital Versatile Disc (DVD) players. However it may also be used in any application that is able to accept an MPEG2 audio bitstreams such as:
• Set top boxes
• Multimedia PCs
• Digital television
• Next generation audio equipment.




Similar Part No. - SAA2503

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SAA2500 PHILIPS-SAA2500 Datasheet
199Kb / 47P
MPEG Audio Source Decoder
September 1994
SAA2500H PHILIPS-SAA2500H Datasheet
199Kb / 47P
MPEG Audio Source Decoder
September 1994
SAA2501 PHILIPS-SAA2501 Datasheet
206Kb / 52P
Digital Audio Broadcast DAB decoder
January 1995
SAA2501H PHILIPS-SAA2501H Datasheet
206Kb / 52P
Digital Audio Broadcast DAB decoder
January 1995
SAA2502 PHILIPS-SAA2502 Datasheet
318Kb / 64P
ISO/MPEG Audio Source Decoder
1997 Nov 17
More results


Similar Description - SAA2503

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SAA7201 PHILIPS-SAA7201 Datasheet
292Kb / 36P
Integrated MPEG2 AVG decoder
1997 Jan 29
SAA7214 PHILIPS-SAA7214 Datasheet
72Kb / 12P
Transport MPEG2 source decoder
2001 Mar 28
logo
STMicroelectronics
ST18-AU1 STMICROELECTRONICS-ST18-AU1 Datasheet
502Kb / 87P
SIX-CHANNEL DOLBY AC3/MPEG2 AUDIO DECODER
rev ST18
logo
Broadcom Corporation.
BCM7040 BOARDCOM-BCM7040 Datasheet
131Kb / 1P
MPEG2 DIGITAL VIDEO/AUDIO ENCODER
logo
fujitsu semiconductor
MB87L2250 FUJITSU-MB87L2250 Datasheet
127Kb / 6P
MPEG2 Transport, Video and Audio Decoder with integrated 32-Bit RISC CPU
logo
Panasonic Semiconductor
MN85571AC PANASONIC-MN85571AC Datasheet
168Kb / 16P
Single-Chip Audio/Video MPEG2 Encoder
logo
NEC
UPD61051 NEC-UPD61051 Datasheet
824Kb / 106P
MOS INTEGRATED CIRCUIT MPEG2 AUDIO/VIDEO ENCODER
logo
List of Unclassifed Man...
L64105 ETC1-L64105 Datasheet
4Mb / 454P
AUDIO/VIDEO DECODER
logo
fujitsu semiconductor
MB86391 FUJITSU-MB86391 Datasheet
847Kb / 69P
MPEG2 1chip Audio/Video Encoder
logo
Sony Corporation
CXD5091GG SONY-CXD5091GG Datasheet
351Kb / 31P
Audio Decoder LSI
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.
The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.
NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.
The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.
NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com