Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST18-AU1 Datasheet (PDF) - STMicroelectronics

ST18-AU1 Datasheet PDF - STMicroelectronics
Part # ST18-AU1
Download  ST18-AU1 Download
File Size   502.51 Kbytes
Page   87 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description SIX-CHANNEL DOLBY AC3/MPEG2 AUDIO DECODER

ST18-AU1 Datasheet (PDF)

Go To PDF Page Download Datasheet
ST18-AU1 Datasheet PDF - STMicroelectronics

Part # ST18-AU1
Download  ST18-AU1 Click to download

File Size   502.51 Kbytes
Page   87 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description SIX-CHANNEL DOLBY AC3/MPEG2 AUDIO DECODER

ST18-AU1 Datasheet (HTML) - STMicroelectronics


ST18-AU1 Product details

INTRODUCTION
The ST18-AU1 is a single-chip multi-function audio processor for Dolby AC-3, MPEG-1/MPEG-2 Layer-I/II audio encoded bitstreams, and DVD Linear PCM. It is capable of decoding up to 5.1 channels of input Dolby AC-3 or MPEG-2 multi-channel encoded audio, and down mixing to 2 channels of PCM output audio. Maximum input data rates for Dolby AC-3 bitstream and MPEG-2 audio bitstream are 448 Kbits/s and 912 Kbits/s respectively. It also supports up to 8 channel linear PCM input with by-pass, down-sampling, and down-mixing function.

FEATURES
■ Single chip multi-function audio decoder able to decompress DOLBY AC-3, MPEG-1 and MPEG-2 audio streams.
■ Maximum 5.1 channel DOLBY AC-3 decoding to 2 channel mixed down output with DOLBY surround compatible or karaoke capable option.
■ Variable bit rate MPEG-1 layer II audio decoding, and MPEG-2 multi-channel audio decoding for karaoke capable application.
■ Input data rates
    ■ up to 448 Kbits/s for AC-3 decoder
    ■ up to 912 Kbits/s for MPEG-1 or MPEG-2 audio decoder
■ Supports up to 8 channel DVD linear PCM input at max rate of 6.144 Mbits/s down-mixing and/ or sub-sampling to 2 to 6 channels.
■ Accepts MPEG-1 or DVD/MPEG-2 PES input packets.
■ Programmable D950 core
■ System time clock provides A/V synchronization and PTS packet extraction.
■ Automatic error concealment on CRC or synchronization error.
■ 6 channel PCM audio output at 16/18/20/24 bit. Sampling rate of 32/44.1/48/96 kHz.
■ Two on-chip PLLs providing full circuit operation with only one external 27 MHz clock.
■ I2C interface for host control
■ Multi-format i2S serial data input port and decoded audio PCM output port.
■ IEC-958 (S/PDIF) formatter and transmitter for DOLBY AC-3, MPEG audio bit stream, or audio PCM.
■ Dedicated hardware for emulation and test, IEEE 1149.1 (JTAG).
■ 3.3V power supply, I/O’s 5V tolerant, 0.35µM HCMOS6 technology.
■ 160 pin PQFP package

APPLICATIONS
■ Digital video disc (DVD) player
■ Digital TV (DBS/DVB) receiver
■ PC multimedia
■ Consumer digital audio




Similar Part No. - ST18-AU1

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
ST1800-25T4KI VISHAY-ST1800-25T4KI Datasheet
116Kb / 6P
SuperTan® Wet Tantalum Capacitors With Hermetic Seal
12-May-2022
ST1800-25T4MI VISHAY-ST1800-25T4MI Datasheet
116Kb / 6P
SuperTan® Wet Tantalum Capacitors With Hermetic Seal
12-May-2022
logo
STMicroelectronics
ST1802FH STMICROELECTRONICS-ST1802FH Datasheet
82Kb / 6P
HIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
Aug-2001
ST1802FX STMICROELECTRONICS-ST1802FX Datasheet
178Kb / 10P
HIGH VOLTAGE FAST - SWITCHING NPN POWER TRANSISTOR
18-Oct-2005
ST1802HI STMICROELECTRONICS-ST1802HI Datasheet
68Kb / 6P
HIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
Jan-2000
More results


Similar Description - ST18-AU1

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M65863FP MITSUBISHI-M65863FP Datasheet
459Kb / 36P
Dolby Digital Decoder
logo
Nippon Precision Circui...
SM5851AF NPC-SM5851AF Datasheet
103Kb / 4P
DOLBY PROLOGIC DECODER
logo
NXP Semiconductors
NE5241 PHILIPS-NE5241 Datasheet
52Kb / 6P
Dolby ADM digital audio decoder
March 19, 1992
SAA2503 PHILIPS-SAA2503 Datasheet
139Kb / 20P
MPEG2 audio decoder
1997 Jul 02
SAA7201 PHILIPS-SAA7201 Datasheet
292Kb / 36P
Integrated MPEG2 AVG decoder
1997 Jan 29
SAA7214 PHILIPS-SAA7214 Datasheet
72Kb / 12P
Transport MPEG2 source decoder
2001 Mar 28
logo
Sanyo Semicon Device
LV1035M SANYO-LV1035M Datasheet
101Kb / 3P
Dolby ProLogic Decoder
logo
STMicroelectronics
STI4600 STMICROELECTRONICS-STI4600 Datasheet
2Mb / 52P
6 CHANNEL DOLBY AC-3 MPEG1/2 AUDIO DECODER
Jan-1997
logo
Toshiba Semiconductor
TC9446F TOSHIBA-TC9446F Datasheet
558Kb / 41P
Audio Digital Processor for Decode of Dolby Digital (AC-3), MPEG2 Audio
TC9446FG TOSHIBA-TC9446FG Datasheet
563Kb / 41P
Audio Digital Processor for Decode of Dolby Digital (AC-3), MPEG2 Audio
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com