Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

B7643 Datasheet (PDF) - EPCOS

B7643 Datasheet PDF - EPCOS
Part # B7643
Download  B7643 Download
File Size   115.42 Kbytes
Page   11 Pages
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS
Description SAW Duplexer 1950 / 2140 MHz

B7643 Datasheet (PDF)

Go To PDF Page Download Datasheet
B7643 Datasheet PDF - EPCOS

Part # B7643
Download  B7643 Click to download

File Size   115.42 Kbytes
Page   11 Pages
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS
Description SAW Duplexer 1950 / 2140 MHz

B7643 Datasheet (HTML) - EPCOS


B7643 Product details

Features
■ Package size 3.0 x 2.5 x 1.0 mm3
■ RoHS compliant
■ Approx. weight 0.035 g
■ Package for Surface Mount Technology (SMT)
■ Ni, gold-plated terminals

Application
■ Low-loss SAW duplexer for mobile telephone
   WCDMA Band I (UMTS) systems
■ Low insertion attenuation
■ Low amplitude ripple
■ Usable passband 60 MHz




Similar Part No. - B7643

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
B764 SANYO-B764 Datasheet
40Kb / 4P
Voltage Regulator, Relay Lamp Driver Electrical Equipment Applications
logo
EPCOS
B7640 EPCOS-B7640 Datasheet
158Kb / 12P
SAW duplexer
B7641 EPCOS-B7641 Datasheet
128Kb / 11P
SAW Duplexer 1950.0 / 2140.0 MHz
B7642 EPCOS-B7642 Datasheet
128Kb / 11P
SAW Duplexer 1950.0 / 2140.0 MHz
B7646 EPCOS-B7646 Datasheet
119Kb / 11P
SAW Components
More results


Similar Description - B7643

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
SF2225E MURATA-SF2225E Datasheet
489Kb / 5P
2140 MHz SAW Filter
logo
TAI-SAW TECHNOLOGY CO.,...
TA1433A TAI-SAW-TA1433A Datasheet
232Kb / 8P
SAW Filter 2140 MHz
TA1433C TAI-SAW-TA1433C Datasheet
395Kb / 8P
SAW Filter 2140 MHz
TA1815B TAI-SAW-TA1815B Datasheet
756Kb / 8P
SAW Filter 1950 MHz
TA1981A TAI-SAW-TA1981A Datasheet
645Kb / 7P
SAW Filter 1950 MHz
TF0120D TAI-SAW-TF0120D Datasheet
488Kb / 13P
SAW DPX 1950 / 2140 MHz Band 1 SMD 1.8X1.4 mm (BW=60 MHz)
TF0214A TAI-SAW-TF0214A Datasheet
1Mb / 13P
SAW DPX 1950/2140 MHz LTE Band 1 SMD 1.8X1.4 mm (BW=59.04 MHz)
TF0120C TAI-SAW-TF0120C Datasheet
471Kb / 13P
SAW DPX 1950/2140 MHz LTE Band 1 SMD 1814
TF0120DB TAI-SAW-TF0120DB Datasheet
462Kb / 13P
SAW DPX 1950 / 2140 MHz Band 1 SMD 1.8X1.4 mm (BW=60 MHz)
TF0120EA1823 TAI-SAW-TF0120EA1823 Datasheet
1Mb / 11P
SAW Duplexer 1950/2140 MHz Band 1 Size 1.8x1.4 mm BW 60/60 MHz
REV.1.0
More results




About EPCOS


EPCOS AG (now TDK Electronics AG) was a German company that specialized in the design and manufacture of electronic components, including capacitors, inductors, and EMI filters.

The company was founded in 1919 and had its headquarters in Munich, Germany.

EPCOS was known for its high-quality products and innovative solutions, and it had a strong reputation in the electronics industry.

In 2009, EPCOS became a subsidiary of TDK Corporation, a multinational electronics company based in Japan.

Today, EPCOS operates as TDK Electronics and continues to provide a wide range of electronic components and solutions for use in a variety of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com