Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

B7641 Datasheet (PDF) - EPCOS

B7641 Datasheet PDF - EPCOS
Part # B7641
Download  B7641 Download
File Size   128.56 Kbytes
Page   11 Pages
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS
Description SAW Duplexer 1950.0 / 2140.0 MHz

B7641 Datasheet (PDF)

Go To PDF Page Download Datasheet
B7641 Datasheet PDF - EPCOS

Part # B7641
Download  B7641 Click to download

File Size   128.56 Kbytes
Page   11 Pages
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS
Description SAW Duplexer 1950.0 / 2140.0 MHz

B7641 Datasheet (HTML) - EPCOS


B7641 Product details

Features
■ Package size 3.0 x 2.5 x 1.0 mm3
■ RoHS compliant
■ Approx. weight 0.035 g
■ Package for Surface Mount Technology (SMT)
■ Ni, gold-plated terminals
■ Fully matched by integrated matching network

Application
■ Low-loss SAW duplexer for mobile telephone
   WCDMA Band I (UMTS) systems
■ Low insertion attenuation
■ Low amplitude ripple
■ Usable passband 60 MHz




Similar Part No. - B7641

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
B764 SANYO-B764 Datasheet
40Kb / 4P
Voltage Regulator, Relay Lamp Driver Electrical Equipment Applications
logo
EPCOS
B7640 EPCOS-B7640 Datasheet
158Kb / 12P
SAW duplexer
B7642 EPCOS-B7642 Datasheet
128Kb / 11P
SAW Duplexer 1950.0 / 2140.0 MHz
B7643 EPCOS-B7643 Datasheet
115Kb / 11P
SAW Duplexer 1950 / 2140 MHz
B7646 EPCOS-B7646 Datasheet
119Kb / 11P
SAW Components
More results


Similar Description - B7641

ManufacturerPart #DatasheetDescription
logo
EPCOS
B7642 EPCOS-B7642 Datasheet
128Kb / 11P
SAW Duplexer 1950.0 / 2140.0 MHz
B7643 EPCOS-B7643 Datasheet
115Kb / 11P
SAW Duplexer 1950 / 2140 MHz
B7849 EPCOS-B7849 Datasheet
83Kb / 8P
SAW Filter 2140.0 MHz
B9408 EPCOS-B9408 Datasheet
80Kb / 8P
SAW Filter 2140.0 MHz
B9414 EPCOS-B9414 Datasheet
76Kb / 8P
SAW Filter 1950.0 MHz
logo
List of Unclassifed Man...
856331 ETC2-856331 Datasheet
741Kb / 6P
836.5/881.5 MHz SAW Duplexer
logo
Oscilent Corporation
802-RF2140.0M-A OSCILENT-802-RF2140.0M-A Datasheet
173Kb / 2P
2140.0 MHz RF SAW Filter
logo
RF Monolithics, Inc
SF1222D RFM-SF1222D Datasheet
170Kb / 3P
2010/2190 MHz SAW Duplexer
logo
Murata Manufacturing Co...
SF1223D MURATA-SF1223D Datasheet
454Kb / 6P
800/842 MHz SAW Duplexer
logo
TriQuint Semiconductor
856908 TRIQUINT-856908_15 Datasheet
931Kb / 8P
836.5/881.5 MHz SAW Duplexer
More results




About EPCOS


EPCOS AG (now TDK Electronics AG) was a German company that specialized in the design and manufacture of electronic components, including capacitors, inductors, and EMI filters.

The company was founded in 1919 and had its headquarters in Munich, Germany.

EPCOS was known for its high-quality products and innovative solutions, and it had a strong reputation in the electronics industry.

In 2009, EPCOS became a subsidiary of TDK Corporation, a multinational electronics company based in Japan.

Today, EPCOS operates as TDK Electronics and continues to provide a wide range of electronic components and solutions for use in a variety of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com