Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

B9408 Datasheet (PDF) - EPCOS

B9408 Datasheet PDF - EPCOS
Part # B9408
Download  B9408 Download
File Size   80.0 Kbytes
Page   8 Pages
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS
Description SAW Filter 2140.0 MHz

B9408 Datasheet (PDF)

Go To PDF Page Download Datasheet
B9408 Datasheet PDF - EPCOS

Part # B9408
Download  B9408 Click to download

File Size   80.0 Kbytes
Page   8 Pages
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS
Description SAW Filter 2140.0 MHz

B9408 Datasheet (HTML) - EPCOS




Similar Part No. - B9408

ManufacturerPart #DatasheetDescription
logo
EPCOS
B9400 EPCOS-B9400 Datasheet
91Kb / 8P
SAW Components Low-Loss Filter for Mobile Communication 881.50 MHz
B9401 EPCOS-B9401 Datasheet
90Kb / 8P
SAW Components Low-Loss Filter for Mobile Communication 942.50 MHz
B9402 EPCOS-B9402 Datasheet
106Kb / 8P
SAW Components Low-Loss Filter for Mobile Communication 1842.50 MHz
B9403 EPCOS-B9403 Datasheet
72Kb / 8P
SAW Components Low-Loss Filter for Mobile Communication 1960.0 MHz
B9406 EPCOS-B9406 Datasheet
82Kb / 8P
SAW Components Low-Loss Filter for Mobile Communication 1842.50 MHz
More results


Similar Description - B9408

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
SF0063CN02271T ICST-SF0063CN02271T Datasheet
89Kb / 2P
63 MHz SAW Bandpass Filter 63 MHz SAW Bandpass Filter
Rev X1
logo
EPCOS
B7641 EPCOS-B7641 Datasheet
128Kb / 11P
SAW Duplexer 1950.0 / 2140.0 MHz
B7642 EPCOS-B7642 Datasheet
128Kb / 11P
SAW Duplexer 1950.0 / 2140.0 MHz
B7849 EPCOS-B7849 Datasheet
83Kb / 8P
SAW Filter 2140.0 MHz
B9412 EPCOS-B9412 Datasheet
76Kb / 8P
SAW Components Low-Loss Filter for Mobile Communication 2140.0 MHz
logo
Integrated Circuit Syst...
SF0096BA02394S ICST-SF0096BA02394S Datasheet
138Kb / 2P
96 MHz SAW Bandpass Filter 96 MHz SAW Bandpass Filter
logo
Oscilent Corporation
802-RF2140.0M-A OSCILENT-802-RF2140.0M-A Datasheet
173Kb / 2P
2140.0 MHz RF SAW Filter
logo
API Technologies Corp
SF0240CD03109S APITECH-SF0240CD03109S Datasheet
154Kb / 3P
240 MHz SAW Filter 240 MHz SAW Filter
SF0185BA02302S APITECH-SF0185BA02302S Datasheet
126Kb / 3P
185.76 MHz SAW Bandpass Filter 185.76 MHz SAW Bandpass Filter
SF0162BA03266S APITECH-SF0162BA03266S Datasheet
1Mb / 3P
SAW Filter 162 MHz SAW Bandpass Filter, 0.06 MHz Bandwidth
More results




About EPCOS


EPCOS AG (now TDK Electronics AG) was a German company that specialized in the design and manufacture of electronic components, including capacitors, inductors, and EMI filters.

The company was founded in 1919 and had its headquarters in Munich, Germany.

EPCOS was known for its high-quality products and innovative solutions, and it had a strong reputation in the electronics industry.

In 2009, EPCOS became a subsidiary of TDK Corporation, a multinational electronics company based in Japan.

Today, EPCOS operates as TDK Electronics and continues to provide a wide range of electronic components and solutions for use in a variety of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com