Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

B9414 Datasheet (PDF) - EPCOS

B9414 Datasheet PDF - EPCOS
Part # B9414
Download  B9414 Download
File Size   76.98 Kbytes
Page   8 Pages
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS
Description SAW Filter 1950.0 MHz

B9414 Datasheet (PDF)

Go To PDF Page Download Datasheet
B9414 Datasheet PDF - EPCOS

Part # B9414
Download  B9414 Click to download

File Size   76.98 Kbytes
Page   8 Pages
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS
Description SAW Filter 1950.0 MHz

B9414 Datasheet (HTML) - EPCOS


B9414 Product details

Features
■ Package size 1.4 x1.1 x 0.4 mm3
■ Package code QCS5I
■ RoHS compatible
■ Approx. weight 0.003 g
■ Package for Surface Mount Technology (SMT)
■ Ni, gold-plated terminals
■ Electrostatic Sensitive Device (ESD)

Application
■ Low-loss RF filter for mobile telephone WCDMA systems, transmit path (TX)
■ Impedance transform from 50 Ω to 50 Ω
■ Unbalanced to unbalanced operation
■ Very low insertion attenuation
■ Low amplitude ripple
■ Very low Error Vector Magnitude (EVM)
■ High Rx-suppression
■ Usable passband 60 MHz




Similar Part No. - B9414

ManufacturerPart #DatasheetDescription
logo
EPCOS
B9414 EPCOS-B9414 Datasheet
78Kb / 8P
SAW Tx Filter WCDMA Band I
B9414 EPCOS-B9414_08 Datasheet
78Kb / 8P
SAW Tx Filter WCDMA Band I
More results


Similar Description - B9414

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
SF0063CN02271T ICST-SF0063CN02271T Datasheet
89Kb / 2P
63 MHz SAW Bandpass Filter 63 MHz SAW Bandpass Filter
Rev X1
logo
EPCOS
B3773 EPCOS-B3773 Datasheet
74Kb / 9P
SAW filter 868.95 MHz
B7641 EPCOS-B7641 Datasheet
128Kb / 11P
SAW Duplexer 1950.0 / 2140.0 MHz
B7642 EPCOS-B7642 Datasheet
128Kb / 11P
SAW Duplexer 1950.0 / 2140.0 MHz
B9409 EPCOS-B9409 Datasheet
76Kb / 8P
SAW Components Low-Loss Filter for Mobile Communication 1950.0 MHz
logo
Integrated Circuit Syst...
SF0096BA02394S ICST-SF0096BA02394S Datasheet
138Kb / 2P
96 MHz SAW Bandpass Filter 96 MHz SAW Bandpass Filter
logo
API Technologies Corp
SF0243BA03287S APITECH-SF0243BA03287S Datasheet
1Mb / 3P
SAW Filter 243 MHz SAW Bandpass Filter, 0.1 MHz Bandwidth
SF0240CD03109S APITECH-SF0240CD03109S Datasheet
154Kb / 3P
240 MHz SAW Filter 240 MHz SAW Filter
SF0185BA02302S APITECH-SF0185BA02302S Datasheet
126Kb / 3P
185.76 MHz SAW Bandpass Filter 185.76 MHz SAW Bandpass Filter
SF0162BA03266S APITECH-SF0162BA03266S Datasheet
1Mb / 3P
SAW Filter 162 MHz SAW Bandpass Filter, 0.06 MHz Bandwidth
More results




About EPCOS


EPCOS AG (now TDK Electronics AG) was a German company that specialized in the design and manufacture of electronic components, including capacitors, inductors, and EMI filters.

The company was founded in 1919 and had its headquarters in Munich, Germany.

EPCOS was known for its high-quality products and innovative solutions, and it had a strong reputation in the electronics industry.

In 2009, EPCOS became a subsidiary of TDK Corporation, a multinational electronics company based in Japan.

Today, EPCOS operates as TDK Electronics and continues to provide a wide range of electronic components and solutions for use in a variety of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com