Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

B7701 Datasheet (PDF) - EPCOS

B7701 Datasheet PDF - EPCOS
Part # B7701
Download  B7701 Download
File Size   106.64 Kbytes
Page   9 Pages
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS
Description SAW Components Low-Loss Filter for Mobile Communication 881,5 MHz

B7701 Datasheet (PDF)

Go To PDF Page Download Datasheet
B7701 Datasheet PDF - EPCOS

Part # B7701
Download  B7701 Click to download

File Size   106.64 Kbytes
Page   9 Pages
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS
Description SAW Components Low-Loss Filter for Mobile Communication 881,5 MHz

B7701 Datasheet (HTML) - EPCOS


B7701 Product details

Features
● Low-loss RF filter for mobile telephone AMPS system, receive path
● Low amplitude ripple
● Usable passband 25 MHz
● Unbalanced to balanced operation
● Impedance transformation from 50 Ω to 200 Ω
● Suitable for GPRS class 1 to 12
● Package for Surface Mounted Technology (SMT)
● Pb-Free




Similar Part No. - B7701

ManufacturerPart #DatasheetDescription
logo
EPCOS
B7703 EPCOS-B7703 Datasheet
88Kb / 6P
SAW Components Low-Loss Filter for Mobile Communication 836,5 MHz
B7704 EPCOS-B7704 Datasheet
91Kb / 7P
SAW Components Low-Loss Filter for Mobile Communication 881,5 MHz
B7705 EPCOS-B7705 Datasheet
78Kb / 9P
SAW Components Low-Loss Filter for Mobile Communication 942,5 MHz
B7706 EPCOS-B7706 Datasheet
82Kb / 8P
SAW Components Low-Loss Filter for Mobile Communication 942,5 MHz
B7707 EPCOS-B7707 Datasheet
66Kb / 8P
Low-Loss Filter for Mobile Communication
More results


Similar Description - B7701

ManufacturerPart #DatasheetDescription
logo
EPCOS
B7704 EPCOS-B7704 Datasheet
91Kb / 7P
SAW Components Low-Loss Filter for Mobile Communication 881,5 MHz
B7719 EPCOS-B7719 Datasheet
114Kb / 9P
SAW Components Low-Loss Filter for Mobile Communication 881,5 MHz
B7730 EPCOS-B7730 Datasheet
94Kb / 6P
SAW Components Low-Loss Filter for Mobile Communication 881,5 MHz
B7733 EPCOS-B7733 Datasheet
104Kb / 7P
SAW Components Low-Loss Filter for Mobile Communication 881,5 MHz
B7751 EPCOS-B7751 Datasheet
61Kb / 6P
SAW Components Low-Loss Filter for Mobile Communication 881,5 MHz
B7753 EPCOS-B7753 Datasheet
106Kb / 7P
SAW Components Low-Loss Filter for Mobile Communication 881,5 MHz
B7842 EPCOS-B7842 Datasheet
70Kb / 6P
SAW Components Low-Loss Filter for Mobile Communication 881,5 MHz
B9004 EPCOS-B9004 Datasheet
63Kb / 6P
SAW Components Low-Loss Filter for Mobile Communication 881,5 MHz
B9006 EPCOS-B9006 Datasheet
73Kb / 6P
SAW Components Low-Loss Filter for Mobile Communication 881,5 MHz
B9032 EPCOS-B9032 Datasheet
59Kb / 6P
SAW Components Low-Loss Filter for Mobile Communication 881,5 MHz
More results




About EPCOS


EPCOS AG (now TDK Electronics AG) was a German company that specialized in the design and manufacture of electronic components, including capacitors, inductors, and EMI filters.

The company was founded in 1919 and had its headquarters in Munich, Germany.

EPCOS was known for its high-quality products and innovative solutions, and it had a strong reputation in the electronics industry.

In 2009, EPCOS became a subsidiary of TDK Corporation, a multinational electronics company based in Japan.

Today, EPCOS operates as TDK Electronics and continues to provide a wide range of electronic components and solutions for use in a variety of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com