Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

B9032 Datasheet (PDF) - EPCOS

B9032 Datasheet PDF - EPCOS
Part # B9032
Download  B9032 Download
File Size   59.45 Kbytes
Page   6 Pages
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS
Description SAW Components Low-Loss Filter for Mobile Communication 881,5 MHz

B9032 Datasheet (PDF)

Go To PDF Page Download Datasheet
B9032 Datasheet PDF - EPCOS

Part # B9032
Download  B9032 Click to download

File Size   59.45 Kbytes
Page   6 Pages
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS
Description SAW Components Low-Loss Filter for Mobile Communication 881,5 MHz

B9032 Datasheet (HTML) - EPCOS


B9032 Product details

Features
■ Low-loss RF filter for mobile telephone
   GSM850/AMPS system, receive path
■ Usable passband 25 MHz
■ Unbalanced to balanced operation
■ Impedance transformation from 50 Ω to 150 Ω
■ Suitable for GPRS class 1 to12
■ Ceramic package for Surface Mounted Technology (SMT)




Similar Part No. - B9032

ManufacturerPart #DatasheetDescription
logo
EPCOS
B9030 EPCOS-B9030 Datasheet
79Kb / 8P
SAW RF filter 2017.50 MHz
B9031 EPCOS-B9031 Datasheet
72Kb / 7P
Low-Loss Filter for Mobile Communication
B9034 EPCOS-B9034 Datasheet
67Kb / 9P
SAW Components Low-Loss Filter for Mobile Communication 1960.0 MHz
B9035 EPCOS-B9035 Datasheet
72Kb / 7P
SAW Components Low-Loss Filter for Mobile Communication 881.5 MHz
B9036 EPCOS-B9036 Datasheet
90Kb / 8P
SAW Components SAW filter MediaFLO
More results


Similar Description - B9032

ManufacturerPart #DatasheetDescription
logo
EPCOS
B7701 EPCOS-B7701 Datasheet
106Kb / 9P
SAW Components Low-Loss Filter for Mobile Communication 881,5 MHz
B7704 EPCOS-B7704 Datasheet
91Kb / 7P
SAW Components Low-Loss Filter for Mobile Communication 881,5 MHz
B7719 EPCOS-B7719 Datasheet
114Kb / 9P
SAW Components Low-Loss Filter for Mobile Communication 881,5 MHz
B7730 EPCOS-B7730 Datasheet
94Kb / 6P
SAW Components Low-Loss Filter for Mobile Communication 881,5 MHz
B7733 EPCOS-B7733 Datasheet
104Kb / 7P
SAW Components Low-Loss Filter for Mobile Communication 881,5 MHz
B7751 EPCOS-B7751 Datasheet
61Kb / 6P
SAW Components Low-Loss Filter for Mobile Communication 881,5 MHz
B7753 EPCOS-B7753 Datasheet
106Kb / 7P
SAW Components Low-Loss Filter for Mobile Communication 881,5 MHz
B7842 EPCOS-B7842 Datasheet
70Kb / 6P
SAW Components Low-Loss Filter for Mobile Communication 881,5 MHz
B9004 EPCOS-B9004 Datasheet
63Kb / 6P
SAW Components Low-Loss Filter for Mobile Communication 881,5 MHz
B9006 EPCOS-B9006 Datasheet
73Kb / 6P
SAW Components Low-Loss Filter for Mobile Communication 881,5 MHz
More results




About EPCOS


EPCOS AG (now TDK Electronics AG) was a German company that specialized in the design and manufacture of electronic components, including capacitors, inductors, and EMI filters.

The company was founded in 1919 and had its headquarters in Munich, Germany.

EPCOS was known for its high-quality products and innovative solutions, and it had a strong reputation in the electronics industry.

In 2009, EPCOS became a subsidiary of TDK Corporation, a multinational electronics company based in Japan.

Today, EPCOS operates as TDK Electronics and continues to provide a wide range of electronic components and solutions for use in a variety of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com