Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

B9030 Datasheet (PDF) - EPCOS

B9030 Datasheet PDF - EPCOS
Part # B9030
Download  B9030 Download
File Size   79.82 Kbytes
Page   8 Pages
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS
Description SAW RF filter 2017.50 MHz

B9030 Datasheet (PDF)

Go To PDF Page Download Datasheet
B9030 Datasheet PDF - EPCOS

Part # B9030
Download  B9030 Click to download

File Size   79.82 Kbytes
Page   8 Pages
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS
Description SAW RF filter 2017.50 MHz

B9030 Datasheet (HTML) - EPCOS


B9030 Product details

Features
■ Package size 2.0 x1.6 x 0.68 mm3
■ Package code DCS6T
■ RoHS compatible
■ Approximate weight 0.012 g
■ Package for Surface Mount Technology (SMT)
■ Ni, gold-plated terminals
■ Electrostatic Sensitive Device (ESD)

Application
■ Low-loss RF filter for mobile telephone TD-SCDMA systems
■ Impedance transformation from 50 Ω to 200 Ω
■ Unbalanced to balanced operation
■ Low amplitude ripple
■ No matching network required
■ Usable passband 15 MHz
■ Suitable for GPRS class 1 to 12




Similar Part No. - B9030

ManufacturerPart #DatasheetDescription
logo
EPCOS
B9031 EPCOS-B9031 Datasheet
72Kb / 7P
Low-Loss Filter for Mobile Communication
B9032 EPCOS-B9032 Datasheet
59Kb / 6P
SAW Components Low-Loss Filter for Mobile Communication 881,5 MHz
B9034 EPCOS-B9034 Datasheet
67Kb / 9P
SAW Components Low-Loss Filter for Mobile Communication 1960.0 MHz
B9035 EPCOS-B9035 Datasheet
72Kb / 7P
SAW Components Low-Loss Filter for Mobile Communication 881.5 MHz
B9036 EPCOS-B9036 Datasheet
90Kb / 8P
SAW Components SAW filter MediaFLO
More results


Similar Description - B9030

ManufacturerPart #DatasheetDescription
logo
Oscilent Corporation
802-RF836.5M-A OSCILENT-802-RF836.5M-A Datasheet
159Kb / 2P
836.5 MHz RF SAW Filter
802-RF836.5M-D OSCILENT-802-RF836.5M-D Datasheet
225Kb / 2P
836.5 MHz RF SAW Filter
802-RF902.5M-B OSCILENT-802-RF902.5M-B Datasheet
177Kb / 2P
902.5 MHz RF SAW Filter
802-RF1842.5M-A OSCILENT-802-RF1842.5M-A Datasheet
180Kb / 2P
1842.5 MHz RF SAW Filter
802-RF2140.0M-A OSCILENT-802-RF2140.0M-A Datasheet
173Kb / 2P
2140.0 MHz RF SAW Filter
803-RF448.0M-B OSCILENT-803-RF448.0M-B Datasheet
144Kb / 2P
448.0 MHz RF SAW Filter
803-RF868.3M-A OSCILENT-803-RF868.3M-A Datasheet
182Kb / 2P
868.3 MHz RF SAW Filter
803-RF416.0M-A OSCILENT-803-RF416.0M-A Datasheet
202Kb / 2P
416.0 MHz RF SAW Filter
logo
TAI-SAW TECHNOLOGY CO.,...
TA1100A TAI-SAW-TA1100A Datasheet
357Kb / 7P
RF SAW Filter 748 MHz
TA1798A TAI-SAW-TA1798A Datasheet
134Kb / 7P
RF SAW Filter 754.95 MHz
More results




About EPCOS


EPCOS AG (now TDK Electronics AG) was a German company that specialized in the design and manufacture of electronic components, including capacitors, inductors, and EMI filters.

The company was founded in 1919 and had its headquarters in Munich, Germany.

EPCOS was known for its high-quality products and innovative solutions, and it had a strong reputation in the electronics industry.

In 2009, EPCOS became a subsidiary of TDK Corporation, a multinational electronics company based in Japan.

Today, EPCOS operates as TDK Electronics and continues to provide a wide range of electronic components and solutions for use in a variety of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com