Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

B9035 Datasheet (PDF) - EPCOS

B9035 Datasheet PDF - EPCOS
Part # B9035
Download  B9035 Download
File Size   72.95 Kbytes
Page   7 Pages
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS
Description SAW Components Low-Loss Filter for Mobile Communication 881.5 MHz

B9035 Datasheet (PDF)

Go To PDF Page Download Datasheet
B9035 Datasheet PDF - EPCOS

Part # B9035
Download  B9035 Click to download

File Size   72.95 Kbytes
Page   7 Pages
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS
Description SAW Components Low-Loss Filter for Mobile Communication 881.5 MHz

B9035 Datasheet (HTML) - EPCOS


B9035 Product details

Features
■ Package size 2.0 x1.6 x 0.68 mm3
■ RoHS compliant
■ Approx. weight 0.007 g
■ Package for Surface Mount Technology (SMT)
■ Ni, gold-plated terminals

Application
■ Low-loss RF filter for mobile telephone
   Cellular systems, CDMA and W-CDMA
   receive path (Rx)
■ Very high Tx suppression
■ For operation in Rx diversity path
■ Usable passband 25 MHz
■ Unbalanced operation
■ Impedance 50 Ω input and output




Similar Part No. - B9035

ManufacturerPart #DatasheetDescription
logo
EPCOS
B9030 EPCOS-B9030 Datasheet
79Kb / 8P
SAW RF filter 2017.50 MHz
B9031 EPCOS-B9031 Datasheet
72Kb / 7P
Low-Loss Filter for Mobile Communication
B9032 EPCOS-B9032 Datasheet
59Kb / 6P
SAW Components Low-Loss Filter for Mobile Communication 881,5 MHz
B9034 EPCOS-B9034 Datasheet
67Kb / 9P
SAW Components Low-Loss Filter for Mobile Communication 1960.0 MHz
B9036 EPCOS-B9036 Datasheet
90Kb / 8P
SAW Components SAW filter MediaFLO
More results


Similar Description - B9035

ManufacturerPart #DatasheetDescription
logo
EPCOS
B3894 EPCOS-B3894 Datasheet
98Kb / 6P
SAW Components Low Loss Filter for Mobile Communication 210,00 MHz
B4052 EPCOS-B4052 Datasheet
72Kb / 7P
SAW Components Low-Loss Filter for Mobile Communication 447,0 MHz
B4114 EPCOS-B4114 Datasheet
114Kb / 8P
SAW Components Low Loss Filter for Mobile Communication 862,00 MHz
B4121 EPCOS-B4121 Datasheet
73Kb / 7P
SAW Components Low-Loss Filter for Mobile Communication 942,50 MHz
B4864 EPCOS-B4864 Datasheet
81Kb / 7P
SAW Components Low Loss Filter for Mobile Communication 183,60 MHz
B4865 EPCOS-B4865 Datasheet
92Kb / 6P
SAW Components Low Loss Filter for Mobile Communication 134,04 MHz
B4908 EPCOS-B4908 Datasheet
76Kb / 6P
SAW Components Low-Loss Filter for Mobile Communication 158,55 MHz
B4937 EPCOS-B4937 Datasheet
90Kb / 6P
SAW Components Low-Loss Filter for Mobile Communication 109,8 MHz
B4959 EPCOS-B4959 Datasheet
100Kb / 5P
SAW Components Low-Loss Filter for Mobile Communication 128,1 MHz
B9422 EPCOS-B9422 Datasheet
78Kb / 8P
SAW Components Low-Loss Filter for Mobile Communication 881.5 MHz
More results




About EPCOS


EPCOS AG (now TDK Electronics AG) was a German company that specialized in the design and manufacture of electronic components, including capacitors, inductors, and EMI filters.

The company was founded in 1919 and had its headquarters in Munich, Germany.

EPCOS was known for its high-quality products and innovative solutions, and it had a strong reputation in the electronics industry.

In 2009, EPCOS became a subsidiary of TDK Corporation, a multinational electronics company based in Japan.

Today, EPCOS operates as TDK Electronics and continues to provide a wide range of electronic components and solutions for use in a variety of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com