Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

B9034 Datasheet (PDF) - EPCOS

B9034 Datasheet PDF - EPCOS
Part # B9034
Download  B9034 Download
File Size   67.47 Kbytes
Page   9 Pages
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS
Description SAW Components Low-Loss Filter for Mobile Communication 1960.0 MHz

B9034 Datasheet (PDF)

Go To PDF Page Download Datasheet
B9034 Datasheet PDF - EPCOS

Part # B9034
Download  B9034 Click to download

File Size   67.47 Kbytes
Page   9 Pages
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS
Description SAW Components Low-Loss Filter for Mobile Communication 1960.0 MHz

B9034 Datasheet (HTML) - EPCOS


B9034 Product details

Features
■ Package size 2.0 x1.6 x 0.74 mm3
■ Package code DCS4K
■ RoHS compliant
■ Approx. weight 0.009 g
■ Package for Surface Mount Technology (SMT)
■ Ni, gold-plated terminals

Application
■ Low-loss RF filter for mobile telephone
   PCS systems, receive path (RX)
■ Useable passband 60 MHz
■ Useable for antenna diversity systems
■ Suitable for GPRS class 1 to 12




Similar Part No. - B9034

ManufacturerPart #DatasheetDescription
logo
EPCOS
B9030 EPCOS-B9030 Datasheet
79Kb / 8P
SAW RF filter 2017.50 MHz
B9031 EPCOS-B9031 Datasheet
72Kb / 7P
Low-Loss Filter for Mobile Communication
B9032 EPCOS-B9032 Datasheet
59Kb / 6P
SAW Components Low-Loss Filter for Mobile Communication 881,5 MHz
B9035 EPCOS-B9035 Datasheet
72Kb / 7P
SAW Components Low-Loss Filter for Mobile Communication 881.5 MHz
B9036 EPCOS-B9036 Datasheet
90Kb / 8P
SAW Components SAW filter MediaFLO
More results


Similar Description - B9034

ManufacturerPart #DatasheetDescription
logo
EPCOS
B3894 EPCOS-B3894 Datasheet
98Kb / 6P
SAW Components Low Loss Filter for Mobile Communication 210,00 MHz
B4052 EPCOS-B4052 Datasheet
72Kb / 7P
SAW Components Low-Loss Filter for Mobile Communication 447,0 MHz
B4114 EPCOS-B4114 Datasheet
114Kb / 8P
SAW Components Low Loss Filter for Mobile Communication 862,00 MHz
B4864 EPCOS-B4864 Datasheet
81Kb / 7P
SAW Components Low Loss Filter for Mobile Communication 183,60 MHz
B4865 EPCOS-B4865 Datasheet
92Kb / 6P
SAW Components Low Loss Filter for Mobile Communication 134,04 MHz
B4908 EPCOS-B4908 Datasheet
76Kb / 6P
SAW Components Low-Loss Filter for Mobile Communication 158,55 MHz
B4937 EPCOS-B4937 Datasheet
90Kb / 6P
SAW Components Low-Loss Filter for Mobile Communication 109,8 MHz
B4959 EPCOS-B4959 Datasheet
100Kb / 5P
SAW Components Low-Loss Filter for Mobile Communication 128,1 MHz
B9403 EPCOS-B9403 Datasheet
72Kb / 8P
SAW Components Low-Loss Filter for Mobile Communication 1960.0 MHz
B9407 EPCOS-B9407 Datasheet
93Kb / 8P
SAW Components Low-Loss Filter for Mobile Communication 1960.0 MHz
More results




About EPCOS


EPCOS AG (now TDK Electronics AG) was a German company that specialized in the design and manufacture of electronic components, including capacitors, inductors, and EMI filters.

The company was founded in 1919 and had its headquarters in Munich, Germany.

EPCOS was known for its high-quality products and innovative solutions, and it had a strong reputation in the electronics industry.

In 2009, EPCOS became a subsidiary of TDK Corporation, a multinational electronics company based in Japan.

Today, EPCOS operates as TDK Electronics and continues to provide a wide range of electronic components and solutions for use in a variety of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com