Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

B9031 Datasheet (PDF) - EPCOS

B9031 Datasheet PDF - EPCOS
Part # B9031
Download  B9031 Download
File Size   72.2 Kbytes
Page   7 Pages
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS
Description Low-Loss Filter for Mobile Communication

B9031 Datasheet (PDF)

Go To PDF Page Download Datasheet
B9031 Datasheet PDF - EPCOS

Part # B9031
Download  B9031 Click to download

File Size   72.2 Kbytes
Page   7 Pages
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS
Description Low-Loss Filter for Mobile Communication

B9031 Datasheet (HTML) - EPCOS


B9031 Product details

Features
● Low-loss RF filter for W-CDMA mobile telephone system, transmit path
● High stopband attenuation
● Usable passband 60 MHz
● Unbalanced/unbalanced operation
● Package size: 2 mm x 1.6 mm (4 pin, diagonal pinning)




Similar Part No. - B9031

ManufacturerPart #DatasheetDescription
logo
EPCOS
B9030 EPCOS-B9030 Datasheet
79Kb / 8P
SAW RF filter 2017.50 MHz
B9032 EPCOS-B9032 Datasheet
59Kb / 6P
SAW Components Low-Loss Filter for Mobile Communication 881,5 MHz
B9034 EPCOS-B9034 Datasheet
67Kb / 9P
SAW Components Low-Loss Filter for Mobile Communication 1960.0 MHz
B9035 EPCOS-B9035 Datasheet
72Kb / 7P
SAW Components Low-Loss Filter for Mobile Communication 881.5 MHz
B9036 EPCOS-B9036 Datasheet
90Kb / 8P
SAW Components SAW filter MediaFLO
More results


Similar Description - B9031

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
B4126 ETC-B4126 Datasheet
49Kb / 4P
Low Loss Filter for Mobile Communication
logo
EPCOS
B7837 EPCOS-B7837 Datasheet
63Kb / 6P
Low-Loss Filter for Mobile Communication
B4133 EPCOS-B4133 Datasheet
70Kb / 6P
Low-Loss Filter for Mobile Communication
B4166 EPCOS-B4166 Datasheet
77Kb / 7P
Low-Loss Filter for Mobile Communication
B9015 EPCOS-B9015 Datasheet
72Kb / 6P
Low-Loss Filter for Mobile Communication
B4847 EPCOS-B4847 Datasheet
86Kb / 7P
Low-Loss Filter for Mobile Communication
B4127 EPCOS-B4127 Datasheet
68Kb / 7P
Low-Loss Filter for Mobile Communication
B7822 EPCOS-B7822 Datasheet
61Kb / 7P
Low-Loss Filter for Mobile Communication
B7844 EPCOS-B7844 Datasheet
90Kb / 6P
Low-Loss Filter for Mobile Communication
B7834 EPCOS-B7834 Datasheet
67Kb / 6P
Low-Loss Filter for Mobile Communication
More results




About EPCOS


EPCOS AG (now TDK Electronics AG) was a German company that specialized in the design and manufacture of electronic components, including capacitors, inductors, and EMI filters.

The company was founded in 1919 and had its headquarters in Munich, Germany.

EPCOS was known for its high-quality products and innovative solutions, and it had a strong reputation in the electronics industry.

In 2009, EPCOS became a subsidiary of TDK Corporation, a multinational electronics company based in Japan.

Today, EPCOS operates as TDK Electronics and continues to provide a wide range of electronic components and solutions for use in a variety of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com