Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

B7723 Datasheet (PDF) - EPCOS

B7723 Datasheet PDF - EPCOS
Part # B7723
Download  B7723 Download
File Size   99.89 Kbytes
Page   7 Pages
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS
Description SAW Components Low-Loss Filter for Mobile Communication 836,5 MHz

B7723 Datasheet (PDF)

Go To PDF Page Download Datasheet
B7723 Datasheet PDF - EPCOS

Part # B7723
Download  B7723 Click to download

File Size   99.89 Kbytes
Page   7 Pages
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS
Description SAW Components Low-Loss Filter for Mobile Communication 836,5 MHz

B7723 Datasheet (HTML) - EPCOS


B7723 Product details

Features

■ Low-loss RF filter for mobile telephone GSM 850 systems, transmit path

■ Low amplitude ripple

■ Usable passband 25 MHz

■ Balanced to unbalanced operation

■ Impedance transformation from 200 Ω to 50 Ω

■ Ceramic package for Surface Mounted Technology (SMT)



Terminals

■ Ni, gold-plated




Similar Part No. - B7723

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
B772 UTC-B772 Datasheet
46Kb / 2P
MEDIUM POWER LOW VOLTAGE TRANSISTOR
logo
Samsung semiconductor
B772 SAMSUNG-B772 Datasheet
264Kb / 7P
PNP (AUDIO FREQUENCY POWER AMPLIFIER LOW SPEED SWITCHING)
logo
Fairchild Semiconductor
B772 FAIRCHILD-B772 Datasheet
76Kb / 5P
Audio Frequency Power Amplifier
logo
Hi-Sincerity Mocroelect...
B772 HSMC-B772 Datasheet
41Kb / 4P
PNP EPITAXIAL PLANAR TRANSISTOR
logo
KEC(Korea Electronics)
B772 KEC-B772 Datasheet
297Kb / 3P
EPITAXIAL PLANAR NPN TRANSISTOR (AUDIO FREQUENCY POWER AMPLIFIER LOW SPEED SWITCHING)
More results


Similar Description - B7723

ManufacturerPart #DatasheetDescription
logo
EPCOS
B4122 EPCOS-B4122 Datasheet
98Kb / 4P
SAW Components Low Loss Filter for Mobile Communication 836,5 MHz
B4132 EPCOS-B4132 Datasheet
127Kb / 7P
SAW Components Low-Loss Filter for Mobile Communication 836,5 MHz
B7630 EPCOS-B7630 Datasheet
114Kb / 10P
SAW Components Low-Loss Filter for Mobile Communication 836,5 / 881,5 MHz
B7639 EPCOS-B7639 Datasheet
104Kb / 8P
SAW Components Low-Loss Filter for Mobile Communication 836,5 / 881,5 MHz
B7703 EPCOS-B7703 Datasheet
88Kb / 6P
SAW Components Low-Loss Filter for Mobile Communication 836,5 MHz
B7713 EPCOS-B7713 Datasheet
100Kb / 6P
SAW Components Low-Loss Filter for Mobile Communication 836,5 MHz
B7724 EPCOS-B7724 Datasheet
92Kb / 6P
SAW Components Low-Loss Filter for Mobile Communication 836,5 MHz
B7748 EPCOS-B7748 Datasheet
66Kb / 5P
SAW Components Low-Loss Filter for Mobile Communication 836,5 MHz
B7761 EPCOS-B7761 Datasheet
100Kb / 6P
SAW Components Low-Loss Filter for Mobile Communication 836,5 MHz
B9003 EPCOS-B9003 Datasheet
74Kb / 7P
SAW Components Low-Loss Filter for Mobile Communication 836,5 MHz
More results




About EPCOS


EPCOS AG (now TDK Electronics AG) was a German company that specialized in the design and manufacture of electronic components, including capacitors, inductors, and EMI filters.

The company was founded in 1919 and had its headquarters in Munich, Germany.

EPCOS was known for its high-quality products and innovative solutions, and it had a strong reputation in the electronics industry.

In 2009, EPCOS became a subsidiary of TDK Corporation, a multinational electronics company based in Japan.

Today, EPCOS operates as TDK Electronics and continues to provide a wide range of electronic components and solutions for use in a variety of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com