Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

B9003 Datasheet (PDF) - EPCOS

B9003 Datasheet PDF - EPCOS
Part # B9003
Download  B9003 Download
File Size   74.12 Kbytes
Page   7 Pages
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS
Description SAW Components Low-Loss Filter for Mobile Communication 836,5 MHz

B9003 Datasheet (PDF)

Go To PDF Page Download Datasheet
B9003 Datasheet PDF - EPCOS

Part # B9003
Download  B9003 Click to download

File Size   74.12 Kbytes
Page   7 Pages
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS
Description SAW Components Low-Loss Filter for Mobile Communication 836,5 MHz

B9003 Datasheet (HTML) - EPCOS


B9003 Product details

Features
● Low-loss RF filter for Cell mobile telephone system, transmit path
● High counterband suppression
● Usable passband 25 MHz
● Unbalanced/unbalanced operation
● Package size: 1.6 mm x 2.0 mm (4 pin, diagonal pinning)




Similar Part No. - B9003

ManufacturerPart #DatasheetDescription
logo
Pulse A Technitrol Comp...
B900 PULSE-B900 Datasheet
128Kb / 2P
XDSL SPLITTER FILTER MODULE
logo
EPCOS
B9000 EPCOS-B9000 Datasheet
59Kb / 5P
Low-Loss Filter for Mobile Communication
B9001 EPCOS-B9001 Datasheet
111Kb / 10P
SAW Components Low-Loss Filter for Mobile Communication 881,5 MHz
logo
OKW Enclosures Ltd
B9002007 METCASE-B9002007 Datasheet
197Kb / 2P
BOX, MINITEC LAVA/GREEN RoHS : Compliant
B9002008 METCASE-B9002008 Datasheet
197Kb / 2P
BOX, MINITEC LAVA/GREEN RoHS : Compliant
More results


Similar Description - B9003

ManufacturerPart #DatasheetDescription
logo
EPCOS
B4122 EPCOS-B4122 Datasheet
98Kb / 4P
SAW Components Low Loss Filter for Mobile Communication 836,5 MHz
B4132 EPCOS-B4132 Datasheet
127Kb / 7P
SAW Components Low-Loss Filter for Mobile Communication 836,5 MHz
B7630 EPCOS-B7630 Datasheet
114Kb / 10P
SAW Components Low-Loss Filter for Mobile Communication 836,5 / 881,5 MHz
B7639 EPCOS-B7639 Datasheet
104Kb / 8P
SAW Components Low-Loss Filter for Mobile Communication 836,5 / 881,5 MHz
B7703 EPCOS-B7703 Datasheet
88Kb / 6P
SAW Components Low-Loss Filter for Mobile Communication 836,5 MHz
B7713 EPCOS-B7713 Datasheet
100Kb / 6P
SAW Components Low-Loss Filter for Mobile Communication 836,5 MHz
B7723 EPCOS-B7723 Datasheet
99Kb / 7P
SAW Components Low-Loss Filter for Mobile Communication 836,5 MHz
B7724 EPCOS-B7724 Datasheet
92Kb / 6P
SAW Components Low-Loss Filter for Mobile Communication 836,5 MHz
B7748 EPCOS-B7748 Datasheet
66Kb / 5P
SAW Components Low-Loss Filter for Mobile Communication 836,5 MHz
B7761 EPCOS-B7761 Datasheet
100Kb / 6P
SAW Components Low-Loss Filter for Mobile Communication 836,5 MHz
More results




About EPCOS


EPCOS AG (now TDK Electronics AG) was a German company that specialized in the design and manufacture of electronic components, including capacitors, inductors, and EMI filters.

The company was founded in 1919 and had its headquarters in Munich, Germany.

EPCOS was known for its high-quality products and innovative solutions, and it had a strong reputation in the electronics industry.

In 2009, EPCOS became a subsidiary of TDK Corporation, a multinational electronics company based in Japan.

Today, EPCOS operates as TDK Electronics and continues to provide a wide range of electronic components and solutions for use in a variety of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com