Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SDA253F Datasheet (PDF) - Solid States Devices, Inc

SDA253F Datasheet PDF - Solid States Devices, Inc
Part # SDA253F
Download  SDA253F Download
File Size   34.0 Kbytes
Page   2 Pages
Manufacturer  SSDI [Solid States Devices, Inc]
Direct Link  http://www.ssdi-power.com
Logo SSDI - Solid States Devices, Inc
Description 50A / 400 - 800V THREE PHASE BRIDGE RECTIFIER ASSEMBLY

SDA253F Datasheet (PDF)

Go To PDF Page Download Datasheet
SDA253F Datasheet PDF - Solid States Devices, Inc

Part # SDA253F
Download  SDA253F Click to download

File Size   34.0 Kbytes
Page   2 Pages
Manufacturer  SSDI [Solid States Devices, Inc]
Direct Link  http://www.ssdi-power.com
Logo SSDI - Solid States Devices, Inc
Description 50A / 400 - 800V THREE PHASE BRIDGE RECTIFIER ASSEMBLY

SDA253F Datasheet (HTML) - Solid States Devices, Inc


SDA253F Product details

Features:
 • PIV: 400 – 600 Volts.
 • Higher Blocking Voltage Available. Contact Factory.
 • Average Output Current 25 Amps
 • Low Reverse Leakage Current
 • Constructed with Void-free, Hermetically Sealed Discretes
 • Aluminum Base for Maximum Thermal Conductivity
 • Small Package Size (2.00 x 1.00 x 0.750”)
 • TX and TXV & S Level Screening Available
 • Ultra Fast Versions Available. Contact Factory.




Similar Part No. - SDA253F

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
SDA25-3UF SSDI-SDA25-3UF Datasheet
71Kb / 2P
10 AMPS 70 nsec ULTRA FAST RECOVERY SINGLE PHASE BRIDGE ASSEMBLY
SDA25000 SSDI-SDA25000 Datasheet
205Kb / 2P
5 AMP RECITIFIER ASSEMBLY
SDA25000 SSDI-SDA25000 Datasheet
105Kb / 2P
STANDARD RECOVERY HIGH VOLTAGE RECTIFIER
SDA25000F SSDI-SDA25000F Datasheet
55Kb / 2P
0.5 AMPS 2.5kV thru 25kV FAST RECOVERY RECTIFIER ASSEMBLY
SDA25000UF SSDI-SDA25000UF Datasheet
52Kb / 2P
0.5 AMPS 2.5kV thru 25kV ULTRAFAST RECOVERY RECTIFIER ASSEMBLY
More results


Similar Description - SDA253F

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
SDA167 SSDI-SDA167 Datasheet
91Kb / 2P
25 AMPS 400 - 1000V THREE PHASE BRIDGE RECTIFIER ASSEMBLY
SDA669 SSDI-SDA669_1 Datasheet
85Kb / 2P
THREE PHASE BRIDGE RECTIFIER ASSEMBLY
SPA612 SSDI-SPA612 Datasheet
91Kb / 2P
THREE PHASE BRIDGE RECTIFIER ASSEMBLY
logo
Nell Semiconductor Co.,...
MTP50 NELLSEMI-MTP50 Datasheet
879Kb / 3P
Glass Passivated Three-Phase Bridge Rectifier, 50A
MTP50A NELLSEMI-MTP50A Datasheet
825Kb / 3P
Three-Phase Bridge Rectifier, 50A
MTP50D NELLSEMI-MTP50D Datasheet
922Kb / 3P
Three-Phase Bridge Rectifier, 50A
MTP50S NELLSEMI-MTP50S Datasheet
929Kb / 3P
Three-Phase Bridge Rectifier, 50A
logo
Solid States Devices, I...
RA0018 SSDI-RA0018 Datasheet
46Kb / 2P
THREE PHASE BRIDGE RECTIFIER ASSEMBLY
RA0022 SSDI-RA0022 Datasheet
41Kb / 2P
THREE PHASE BRIDGE RECTIFIER ASSEMBLY
logo
MacMic
MMD50L160X MACMIC-MMD50L160X Datasheet
223Kb / 3P
50A Three-Phase Rectifier Bridge Module
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com