Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SDA253F Datasheet(PDF) 1 Page - Solid States Devices, Inc

Part # SDA253F
Description  50A / 400 - 800V THREE PHASE BRIDGE RECTIFIER ASSEMBLY
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSDI [Solid States Devices, Inc]
Direct Link  http://www.ssdi-power.com
Logo SSDI - Solid States Devices, Inc

SDA253F Datasheet(HTML) 1 Page - Solid States Devices, Inc

  SDA253F Datasheet HTML 1Page - Solid States Devices, Inc SDA253F Datasheet HTML 2Page - Solid States Devices, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Solid State Devices, Inc.
14830 Valley View Blvd * La Mirada, Ca 90638
Phone: (562) 404-7855 * Fax: (562) 404-1773
ssdi@ssdi-power.com * www.ssdi-power.com
DESIGNER’S DATA SHEET
Part Number / Ordering Information
1/
SDA253 D
F __
Finish:
__ = Chem Filmed Base
N
= Ni Plated Base
Speed: F = Fast (250 nsec max)
Voltage: D = 600 V
E = 800 V
F = 1000 V
SDA253F Series
50A /
400 – 800V
THREE PHASE BRIDGE
RECTIFIER ASSEMBLY
Features:
• PIV: 400 – 600 Volts.
• Higher Blocking Voltage Available. Contact Factory.
• Average Output Current 25 Amps
• Low Reverse Leakage Current
• Constructed with Void-free, Hermetically Sealed Discretes
• Aluminum Base for Maximum Thermal Conductivity
• Small Package Size (2.00 x 1.00 x 0.750”)
• TX and TXV & S Level Screening Available
• Ultra Fast Versions Available. Contact Factory.
Maximum Ratings
Symbol
Value
Units
Peak Repetitive and Peak Surge Reverse Voltage
SDA253DF
SDA253EF
SDA253FF
VRRM
VRSM
VR
400
600
800
Volts
Average Rectified Forward Current
3/
(Resistive Load, 60 Hz Sine Wave)
TC = 55°C
Io
50
Amps
Peak Surge Current
(8.3 ms Pulse, Half Sine Wave, TA = 25 °C, per leg)
IFSM
300
Amps
Operating & Storage Temperature
Top & Tstg
-65 to +150
ºC
Maximum Junction Temperature
TJ
-65 to +175
ºC
Maximum Thermal Resistance, Junction to Case
RθJC
2.5
ºC/W
SDA253
NOTE: All specifications are subject to change without notification.
SCD's for these devices should be reviewed by SSDI prior to release.
DATA SHEET #: RA0049A
DOC


Similar Part No. - SDA253F

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
SDA25-3UF SSDI-SDA25-3UF Datasheet
71Kb / 2P
10 AMPS 70 nsec ULTRA FAST RECOVERY SINGLE PHASE BRIDGE ASSEMBLY
SDA25000 SSDI-SDA25000 Datasheet
205Kb / 2P
5 AMP RECITIFIER ASSEMBLY
SDA25000 SSDI-SDA25000 Datasheet
105Kb / 2P
STANDARD RECOVERY HIGH VOLTAGE RECTIFIER
SDA25000F SSDI-SDA25000F Datasheet
55Kb / 2P
0.5 AMPS 2.5kV thru 25kV FAST RECOVERY RECTIFIER ASSEMBLY
SDA25000UF SSDI-SDA25000UF Datasheet
52Kb / 2P
0.5 AMPS 2.5kV thru 25kV ULTRAFAST RECOVERY RECTIFIER ASSEMBLY
More results

Similar Description - SDA253F

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
SDA167 SSDI-SDA167 Datasheet
91Kb / 2P
25 AMPS 400 - 1000V THREE PHASE BRIDGE RECTIFIER ASSEMBLY
SDA669 SSDI-SDA669_1 Datasheet
85Kb / 2P
THREE PHASE BRIDGE RECTIFIER ASSEMBLY
SPA612 SSDI-SPA612 Datasheet
91Kb / 2P
THREE PHASE BRIDGE RECTIFIER ASSEMBLY
logo
Nell Semiconductor Co.,...
MTP50 NELLSEMI-MTP50 Datasheet
879Kb / 3P
Glass Passivated Three-Phase Bridge Rectifier, 50A
MTP50A NELLSEMI-MTP50A Datasheet
825Kb / 3P
Three-Phase Bridge Rectifier, 50A
MTP50D NELLSEMI-MTP50D Datasheet
922Kb / 3P
Three-Phase Bridge Rectifier, 50A
MTP50S NELLSEMI-MTP50S Datasheet
929Kb / 3P
Three-Phase Bridge Rectifier, 50A
logo
Solid States Devices, I...
RA0018 SSDI-RA0018 Datasheet
46Kb / 2P
THREE PHASE BRIDGE RECTIFIER ASSEMBLY
RA0022 SSDI-RA0022 Datasheet
41Kb / 2P
THREE PHASE BRIDGE RECTIFIER ASSEMBLY
logo
MacMic
MMD50L160X MACMIC-MMD50L160X Datasheet
223Kb / 3P
50A Three-Phase Rectifier Bridge Module
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com