Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP317L Datasheet (PDF) - Sipex Corporation

SP317L Datasheet PDF - Sipex Corporation
Part # SP317L
Download  SP317L Download
File Size   573.29 Kbytes
Page   13 Pages
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation
Description 3-Terminal Adjustable Voltage Regulator

SP317L Datasheet (PDF)

Go To PDF Page Download Datasheet
SP317L Datasheet PDF - Sipex Corporation

Part # SP317L
Download  SP317L Click to download

File Size   573.29 Kbytes
Page   13 Pages
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation
Description 3-Terminal Adjustable Voltage Regulator

SP317L Datasheet (HTML) - Sipex Corporation


SP317L Product details

general Description
The SP317L is an adjustable 3-terminal positive voltage regulator capable of supplying 100mA over a 1.2V to 12V output range. This voltage regulator is exceptionally easy to use and requires only two external resistors to set the output voltage. Both line and load regulation are better than standard fixed regulators.

Features
• Adjustable Output Down to 1.2V
• Guaranteed 100mA Output Current
• Output Short Circuit Protected
• Line Regulation: 0.01%/V
• Load Regulation: 0.1%
• Current Limit Constant with Temperature
• 70 dB Ripple Rejection
• Available in Lead Free, RoHS Compliant Package

Applications
• High Efficiency Linear Regulators
• Post Regulation for Switching Supplies
• Microprocessor Power Supply
• Mother Board I/O Power Supply




Similar Part No. - SP317L

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SP317 ETC-SP317 Datasheet
157Kb / 3P
NOR GATES
logo
Sipex Corporation
SP317 SIPEX-SP317 Datasheet
438Kb / 13P
3-Terminal 1 Amp Adjustable Voltage Regulator
logo
List of Unclassifed Man...
SP317A ETC-SP317A Datasheet
157Kb / 3P
NOR GATES
logo
Sipex Corporation
SP317J-L/TR SIPEX-SP317J-L/TR Datasheet
438Kb / 13P
3-Terminal 1 Amp Adjustable Voltage Regulator
SP317V-L SIPEX-SP317V-L Datasheet
438Kb / 13P
3-Terminal 1 Amp Adjustable Voltage Regulator
More results


Similar Description - SP317L

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJM317 NJRC-NJM317 Datasheet
260Kb / 8P
ADJUSTABLE 3-TERMINAL POSITIVE VOLTAGE REGULATOR
logo
National Semiconductor ...
LM337L NSC-LM337L Datasheet
89Kb / 5P
3-Terminal Adjustable Regulator
logo
BCD Semiconductor Manuf...
AZ317 BCDSEMI-AZ317 Datasheet
177Kb / 14P
3-TERMINAL 1A ADJUSTABLE VOLTAGE REGULATOR
AZ317 BCDSEMI-AZ317_07 Datasheet
183Kb / 14P
3-TERMINAL 1A ADJUSTABLE VOLTAGE REGULATOR
logo
Taiwan Semiconductor Co...
TS317L TSC-TS317L_07 Datasheet
743Kb / 11P
3-Terminal Adjustable Positive Voltage Regulator
logo
SHANTOU HUASHAN ELECTRO...
HTL431 HUASHAN-HTL431 Datasheet
230Kb / 3P
3-TERMINAL ADJUSTABLE VOLTAGE REGULATOR
logo
Taiwan Semiconductor Co...
TS317 TSC-TS317_10 Datasheet
666Kb / 14P
3-Terminal Adjustable Positive Voltage Regulator
TS317L TSC-TS317L_08 Datasheet
214Kb / 11P
3-Terminal Adjustable Positive Voltage Regulator
logo
BCD Semiconductor Manuf...
AZ317 BCDSEMI-AZ317_13 Datasheet
786Kb / 15P
3-TERMINAL 1A ADJUSTABLE VOLTAGE REGULATOR
logo
Taiwan Semiconductor Co...
TS317L TSC-TS317L_14 Datasheet
496Kb / 10P
3-Terminal Adjustable Positive Voltage Regulator
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com