Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP317 Datasheet (PDF) - Sipex Corporation

SP317 Datasheet PDF - Sipex Corporation
Part # SP317
Download  SP317 Download
File Size   438.21 Kbytes
Page   13 Pages
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation
Description 3-Terminal 1 Amp Adjustable Voltage Regulator

SP317 Datasheet (PDF)

Go To PDF Page Download Datasheet
SP317 Datasheet PDF - Sipex Corporation

Part # SP317
Download  SP317 Click to download

File Size   438.21 Kbytes
Page   13 Pages
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation
Description 3-Terminal 1 Amp Adjustable Voltage Regulator

SP317 Datasheet (HTML) - Sipex Corporation


SP317 Product details

General Description
The SP317 is an adjustable three-terminal positive voltage regulator with a very low dropout of 1.2V at 1A output current. Using 2 external resistors, the SP317 can provide an adjustable output voltage down to 1.25V.

Features
• Typical 1% Output Voltage Tolerance
• Typical 0.01%/V Line Regulation
• Typical 0.2% Load Regulation
• Very Low Dropout Voltage: 1.2V at 1A Output Current
• Trimmed Current Limit
• On-chip Thermal Protection
• Operation Junction Temperature: 0 to 125oC
• Available in RoHS Compliant, Lead Free Packaging

Applications
• PC Motherboard
• LCD Monitor
• Graphics Card
• DVD Player
• Network Interface Card/Switch
• Telecom Equipment
• Printer and other Peripheral Equipment




Similar Part No. - SP317

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SP317 ETC-SP317 Datasheet
157Kb / 3P
NOR GATES
SP317A ETC-SP317A Datasheet
157Kb / 3P
NOR GATES
logo
Sipex Corporation
SP317L SIPEX-SP317L Datasheet
573Kb / 13P
3-Terminal Adjustable Voltage Regulator
SP317LN-L SIPEX-SP317LN-L Datasheet
573Kb / 13P
3-Terminal Adjustable Voltage Regulator
SP317LN-L/TR SIPEX-SP317LN-L/TR Datasheet
573Kb / 13P
3-Terminal Adjustable Voltage Regulator
More results


Similar Description - SP317

ManufacturerPart #DatasheetDescription
logo
Seme LAB
IP150A SEME-LAB-IP150A Datasheet
59Kb / 6P
3 AMP POSITIVE ADJUSTABLE VOLTAGE REGULATOR
logo
Microsemi Corporation
SG117A MICROSEMI-SG117A Datasheet
214Kb / 8P
1.5 AMP THREE TERMINAL ADJUSTABLE VOLTAGE REGULATOR
logo
Micro Electronics
SG117A MICRO-ELECTRONICS-SG117A Datasheet
263Kb / 8P
1.5 AMP THREE TERMINAL ADJUSTABLE VOLTAGE REGULATOR
logo
BCD Semiconductor Manuf...
AZ317 BCDSEMI-AZ317 Datasheet
177Kb / 14P
3-TERMINAL 1A ADJUSTABLE VOLTAGE REGULATOR
AZ317 BCDSEMI-AZ317_07 Datasheet
183Kb / 14P
3-TERMINAL 1A ADJUSTABLE VOLTAGE REGULATOR
logo
Sipex Corporation
SP317L SIPEX-SP317L Datasheet
573Kb / 13P
3-Terminal Adjustable Voltage Regulator
logo
SHANTOU HUASHAN ELECTRO...
HTL431 HUASHAN-HTL431 Datasheet
230Kb / 3P
3-TERMINAL ADJUSTABLE VOLTAGE REGULATOR
logo
BCD Semiconductor Manuf...
AZ317 BCDSEMI-AZ317_13 Datasheet
786Kb / 15P
3-TERMINAL 1A ADJUSTABLE VOLTAGE REGULATOR
logo
Taiwan Semiconductor Co...
TS317L TSC-TS317L_14 Datasheet
496Kb / 10P
3-Terminal Adjustable Positive Voltage Regulator
logo
Sipex Corporation
SP317V2-L-TR SIPEX-SP317V2-L-TR Datasheet
304Kb / 13P
3-Terminal 1 Amp Adjustable Voltage Regulator
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com