Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP317 Datasheet(PDF) 3 Page - Sipex Corporation

Part # SP317
Description  3-Terminal 1 Amp Adjustable Voltage Regulator
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP317 Datasheet(HTML) 3 Page - Sipex Corporation

  SP317 Datasheet HTML 1Page - Sipex Corporation SP317 Datasheet HTML 2Page - Sipex Corporation SP317 Datasheet HTML 3Page - Sipex Corporation SP317 Datasheet HTML 4Page - Sipex Corporation SP317 Datasheet HTML 5Page - Sipex Corporation SP317 Datasheet HTML 6Page - Sipex Corporation SP317 Datasheet HTML 7Page - Sipex Corporation SP317 Datasheet HTML 8Page - Sipex Corporation SP317 Datasheet HTML 9Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
3
Date: 7/27/06 Rev F
SP37 3-Terminal Amp Adjustable Voltage Regulator
© 2006 Sipex Corporation
Parameter
Symbol
Min
Max
Unit
Input Voltage
VIN
VOUT+2
15
V
Operating Junction Temperature Range
TJ
0
125
oC
Recommended Operating conditions
Note1: Stresses greater than those listed under "Absolute Maximum Ratings" may cause permanent damage to the
device. These are stress ratings only, and functional operation of the device at these or any other conditions beyond
those indicated under "Recommended Operating Conditions" is not implied. Exposure to "Absolute Maximum
Ratings" for extended periods may affect device reliability.
Parameter
Symbol
Min
Max
Unit
Input Voltage
VIN
20
V
Maximum Junction Temperature
TJ
150
oC
Storage Temperature
TS
-65
150
oC
Lead Temperature (Soldering, 10sec)
TLEAD
300
oC
ESD (Human Body Model)
ESD
4000
V
Absolute Maximum Ratings (note 1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com