Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP317 Datasheet(PDF) 4 Page - Sipex Corporation

Part # SP317
Description  3-Terminal 1 Amp Adjustable Voltage Regulator
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP317 Datasheet(HTML) 4 Page - Sipex Corporation

  SP317 Datasheet HTML 1Page - Sipex Corporation SP317 Datasheet HTML 2Page - Sipex Corporation SP317 Datasheet HTML 3Page - Sipex Corporation SP317 Datasheet HTML 4Page - Sipex Corporation SP317 Datasheet HTML 5Page - Sipex Corporation SP317 Datasheet HTML 6Page - Sipex Corporation SP317 Datasheet HTML 7Page - Sipex Corporation SP317 Datasheet HTML 8Page - Sipex Corporation SP317 Datasheet HTML 9Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image

Date: 7/27/06 Rev F
SP37 3-Terminal Amp Adjustable Voltage Regulator
© 2006 Sipex Corporation
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
Reference Voltage
VREF 10mA IOUT 1A,
3V (VIN-VOUT) 10V
1.20
1.25
1.30
V
Line Regulation
SV
IOUT 20mA, 3V VIN-VOUT 10V
0.01
0.04
%/V
Load Regulation
Si
VIN -VOUT = 2V, 10mA IOUT 1A
0.2
0.4
%
Thermal Regulation
20ms Pulse
0.04
0.07
%/W
Dropout Voltage
V
IOUT 1A
1.2
1.3
V
Current Limit
ILIMIT (VIN-VOUT) = 2V
1.2
1.5
1.8
A
Adjust Pin Current
50
100
A
Adjust Pin Current Change
1.4V VIN-VOUT) 10V,
10mA IOUT 1A
0.2
5
A
Minimum Load Current
3V (VIN-VOUT) 15V
3.5
10
mA
Ripple Rejection
f =120Hz, COUT =1 F Tantalum,
(VIN-VOUT) = 3V, IOUT =1A
60
75
dB
Temperature Stability
1
%
Long -Term Stability
TA=125oC, 1000hrs
0.3
%
RMS Output Noise (% of VOUT)
TA=25oC, 10Hz f 10kHz
0.003
%
Thermal Resistance,
Junction to Case
SOT-223
TO-252
TO-220
TO-263
15
10
4.5
4
oC/W
Thermal Shutdown
Junction Temperature
150
oC
Thermal Shutdown Hysteresis
25
oC
(Typicals and limits apply for TJ =25oC, P Maximum Power Dissipation unless otherwise specified.)(Note 2)
Note 2: Maximum Power Dissipation is Package Type and Case Temperature dependent. Please see Figure 12.
electrical characteristics



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com