Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP317 Datasheet(PDF) 5 Page - Sipex Corporation

Part # SP317
Description  3-Terminal 1 Amp Adjustable Voltage Regulator
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP317 Datasheet(HTML) 5 Page - Sipex Corporation

  SP317 Datasheet HTML 1Page - Sipex Corporation SP317 Datasheet HTML 2Page - Sipex Corporation SP317 Datasheet HTML 3Page - Sipex Corporation SP317 Datasheet HTML 4Page - Sipex Corporation SP317 Datasheet HTML 5Page - Sipex Corporation SP317 Datasheet HTML 6Page - Sipex Corporation SP317 Datasheet HTML 7Page - Sipex Corporation SP317 Datasheet HTML 8Page - Sipex Corporation SP317 Datasheet HTML 9Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image

Date: 7/27/06 Rev F
SP37 3-Terminal Amp Adjustable Voltage Regulator
© 2006 Sipex Corporation
Typical Performance characteristics
Figure . Dropout Voltage vs. Output Current
Figure 6. Load Regulation vs. Temperature
Figure 7. Reference Voltage vs. Temperature
Figure . Output Voltage vs. Temperature
0
2
0
7
00
2
3.0
3.
3.20
3.2
3.30
3.3
3.0
V
OUT=3.3V
I
OUT=30mA
Ambient Temperature (
oC)
0.2
0.
0.6
0.
.0
0.
0.6
0.7
0.
0.
.0
.
.2
T
A=20
oC
T
A=2
oC
T
A=0
oC
Output Current (A)
0
20
0
60
0
00
20
-0.2
0.0
0.2
0.
0.6
0.
V
OUT=3.3V
Ambient Temperature (
oC)
0
2
0
7
00
2
.20
.2
.220
.22
.230
.23
.20
.2
.20
.2
.260
V
OUT=3.3V
I
OUT=30mA
Ambient Temparature (
oC)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com