Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RF2374 Datasheet (PDF) - RF Micro Devices

RF2374 Datasheet PDF - RF Micro Devices
Part # RF2374
Download  RF2374 Download
File Size   159.16 Kbytes
Page   8 Pages
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices
Description 3V LOW NOISE AMPLIFIER

RF2374 Datasheet (PDF)

Go To PDF Page Download Datasheet
RF2374 Datasheet PDF - RF Micro Devices

Part # RF2374
Download  RF2374 Click to download

File Size   159.16 Kbytes
Page   8 Pages
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices
Description 3V LOW NOISE AMPLIFIER

RF2374 Datasheet (HTML) - RF Micro Devices


RF2374 Product details

Product Description
The RF2374 is a switchable low noise amplifier with a high dynamic range designed for digital cellular and WiFi applications. The device functions as an outstanding front end low noise amplifier with ICC as low as 3mA. The bias current may be set externally. The IC is featured in a 2.2mmx2.2mmx0.6mm module-compatible plastic package.

Features
■ Low Noise and High Intercept Point
■ Adjustable Bias Current
■ Power Down Control
■ Low Insertion Loss Bypass Feature
■ 1.8V to 4V Operation (See Note: Page 2)
■ 800MHz to 3.8GHz Operation
■ ESD Class 1B

Applications
■ WiFi LNA with Bypass Feature
■ CDMA PCS LNA with Bypass Feature
■ GPS LNA with Bypass Feature
■ General Purpose Amplification
■ WiMAX LNA with Bypass Function
■ CDMA 800 LNA
■ CMMB LNA
■ LTE Bands LNA




Similar Part No. - RF2374

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF2374 RFMD-RF2374 Datasheet
823Kb / 15P
3V LOW NOISE AMPLIFIER
RF2374PCK-410 RFMD-RF2374PCK-410 Datasheet
823Kb / 15P
3V LOW NOISE AMPLIFIER
RF2374PCK-411 RFMD-RF2374PCK-411 Datasheet
823Kb / 15P
3V LOW NOISE AMPLIFIER
RF2374SR RFMD-RF2374SR Datasheet
823Kb / 15P
3V LOW NOISE AMPLIFIER
RF2374TR7 RFMD-RF2374TR7 Datasheet
823Kb / 15P
3V LOW NOISE AMPLIFIER
More results


Similar Description - RF2374

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF2365 RFMD-RF2365 Datasheet
135Kb / 8P
3V LOW NOISE AMPLIFIER
RF2371 RFMD-RF2371 Datasheet
63Kb / 8P
3V LOW NOISE AMPLIFIER
RF2451 RFMD-RF2451 Datasheet
81Kb / 6P
3V LOW NOISE AMPLIFIER
RF2373 RFMD-RF2373 Datasheet
132Kb / 8P
3V LOW NOISE AMPLIFIER/ 3V DRIVER AMPLIFIER
RF2370 RFMD-RF2370 Datasheet
215Kb / 6P
3V LOW NOISE AMPLIFIER
RF2373 RFMD-RF2373_06 Datasheet
87Kb / 8P
3V LOW NOISE AMPLIFIER/ 3V DRIVER AMPLIFIER
RF2373 RFMD-RF2373_1 Datasheet
220Kb / 12P
3V LOW NOISE AMPLIFIER/ 3V DRIVER AMPLIFIER
RF2370 RFMD-RF2370_1 Datasheet
291Kb / 6P
3V LOW NOISE AMPLIFIER
RF2370 RFMD-RF2370_11 Datasheet
654Kb / 11P
3V LOW NOISE AMPLIFIER
RF2374 RFMD-RF2374_14 Datasheet
823Kb / 15P
3V LOW NOISE AMPLIFIER
More results




About RF Micro Devices


RF Micro Devices (RFMD) was an American company that specialized in the design and manufacture of radio frequency (RF) components and solutions for wireless communications. The company was founded in 1991 and was headquartered in Greensboro, North Carolina. RFMD provided a wide range of products including power amplifiers, transceivers, filters, and other RF components that were used in mobile devices, Wi-Fi and Bluetooth modules, and other wireless systems.

RFMD was known for its expertise in RF technology and its ability to provide innovative and high-performance products. The company had a strong focus on research and development and was actively involved in the development of new technologies and solutions for the wireless industry. RFMD's products were widely used in a variety of applications and helped support the growth of the wireless industry.

In 2015, RFMD was acquired by Skyworks Solutions, Inc., a leading provider of high-performance analog semiconductors. The acquisition allowed Skyworks to expand its product portfolio and offerings in the RF market and further strengthen its position in the wireless industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com