Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RF2451 Datasheet (PDF) - RF Micro Devices

RF2451 Datasheet PDF - RF Micro Devices
Part # RF2451
Download  RF2451 Download
File Size   81.8 Kbytes
Page   6 Pages
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices
Description 3V LOW NOISE AMPLIFIER

RF2451 Datasheet (PDF)

Go To PDF Page Download Datasheet
RF2451 Datasheet PDF - RF Micro Devices

Part # RF2451
Download  RF2451 Click to download

File Size   81.8 Kbytes
Page   6 Pages
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices
Description 3V LOW NOISE AMPLIFIER

RF2451 Datasheet (HTML) - RF Micro Devices


RF2451 Product details

Product Description
The RF2451 is a general purpose, low-cost, high performance low noise amplifier designed for operation from a 2.7V to 4V supply with low current consumption. The attenuation of the device is controlled when in power down mode, providing a known gain step. The RF2451 is available in a small industry-standard MSOP-8 surface mount package, enabling compact designs which conserve board space. The design features accurate PTAT (Proportional To Absolute Temperature) biasing scheme using band gap cells.

Features
• 700MHz to 2000MHz Operation
• 2.7V to 3.6V Single Supply
• +5dBm Input IP3 at 3.0mA
• 12dB Gain at 1950MHz
• 1.8dB Noise Figure at 1950MHz
• 17dB Gain Step

Typical Applications
• GSM Handsets
• CDMA Handsets
• TDMA Handsets
• IF or RF Buffer Amplifiers
• Driver Stage for Power Amplifiers
• Oscillator Loop Amplifiers




Similar Part No. - RF2451

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF2456 RFMD-RF2456 Datasheet
261Kb / 8P
CDMA/FM DOWNCONVERTER
RF2459 RFMD-RF2459 Datasheet
122Kb / 8P
3V PCS DOWNCONVERTER
More results


Similar Description - RF2451

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF2365 RFMD-RF2365 Datasheet
135Kb / 8P
3V LOW NOISE AMPLIFIER
RF2371 RFMD-RF2371 Datasheet
63Kb / 8P
3V LOW NOISE AMPLIFIER
RF2373 RFMD-RF2373 Datasheet
132Kb / 8P
3V LOW NOISE AMPLIFIER/ 3V DRIVER AMPLIFIER
RF2370 RFMD-RF2370 Datasheet
215Kb / 6P
3V LOW NOISE AMPLIFIER
RF2373 RFMD-RF2373_06 Datasheet
87Kb / 8P
3V LOW NOISE AMPLIFIER/ 3V DRIVER AMPLIFIER
RF2374 RFMD-RF2374 Datasheet
159Kb / 8P
3V LOW NOISE AMPLIFIER
RF2373 RFMD-RF2373_1 Datasheet
220Kb / 12P
3V LOW NOISE AMPLIFIER/ 3V DRIVER AMPLIFIER
RF2370 RFMD-RF2370_1 Datasheet
291Kb / 6P
3V LOW NOISE AMPLIFIER
RF2370 RFMD-RF2370_11 Datasheet
654Kb / 11P
3V LOW NOISE AMPLIFIER
RF2374 RFMD-RF2374_14 Datasheet
823Kb / 15P
3V LOW NOISE AMPLIFIER
More results




About RF Micro Devices


RF Micro Devices (RFMD) was an American company that specialized in the design and manufacture of radio frequency (RF) components and solutions for wireless communications. The company was founded in 1991 and was headquartered in Greensboro, North Carolina. RFMD provided a wide range of products including power amplifiers, transceivers, filters, and other RF components that were used in mobile devices, Wi-Fi and Bluetooth modules, and other wireless systems.

RFMD was known for its expertise in RF technology and its ability to provide innovative and high-performance products. The company had a strong focus on research and development and was actively involved in the development of new technologies and solutions for the wireless industry. RFMD's products were widely used in a variety of applications and helped support the growth of the wireless industry.

In 2015, RFMD was acquired by Skyworks Solutions, Inc., a leading provider of high-performance analog semiconductors. The acquisition allowed Skyworks to expand its product portfolio and offerings in the RF market and further strengthen its position in the wireless industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com