Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RF2456 Datasheet (PDF) - RF Micro Devices

RF2456 Datasheet PDF - RF Micro Devices
Part # RF2456
Download  RF2456 Download
File Size   261.55 Kbytes
Page   8 Pages
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices
Description CDMA/FM DOWNCONVERTER

RF2456 Datasheet (PDF)

Go To PDF Page Download Datasheet
RF2456 Datasheet PDF - RF Micro Devices

Part # RF2456
Download  RF2456 Click to download

File Size   261.55 Kbytes
Page   8 Pages
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices
Description CDMA/FM DOWNCONVERTER

RF2456 Datasheet (HTML) - RF Micro Devices


RF2456 Product details

Product Description
The RF2456 is a receiver dual downconverter designed for the receive section of dual-mode CDMA/FM cellular applications. It is designed to downconvert RF signals while providing 13dB gain in CDMA mode, and 7dB gain in FM mode. It also features digital control of IF output selection and power down mode. Noise Figure, IP3, and other specs are designed to be compatible with the IS-95 Interim Standard for CDMA cellular communications. The IC is manufactured on an advanced Silicon Bipolar process and packaged in an SSOP-16.

Features
• Dual Mode CDMA/AMPS
• Dual Mode JCDMA/TACS
• Digitally Selectable IF Outputs
• 500MHz to 1100MHz Operation
• Power Down Mode

Typical Applications
• CDMA/FM Cellular Systems
• Supports Dual-Mode AMPS/CDMA
• Supports Dual-Mode TACS/CDMA
• General Purpose Downconverter
• Commercial and Consumer Systems
• Portable Battery-Powered Equipment




Similar Part No. - RF2456

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF2451 RFMD-RF2451 Datasheet
81Kb / 6P
3V LOW NOISE AMPLIFIER
RF2459 RFMD-RF2459 Datasheet
122Kb / 8P
3V PCS DOWNCONVERTER
More results


Similar Description - RF2456

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SA9500 PHILIPS-SA9500 Datasheet
150Kb / 22P
Dual-band, CDMA/AMPS downconverter IC
1998 Aug 11
SA9502 PHILIPS-SA9502 Datasheet
256Kb / 26P
Dual-band, CDMA/AMPS downconverter IC
1999 Mar 19
logo
RF Micro Devices
RF2449 RFMD-RF2449 Datasheet
288Kb / 14P
CDMA/FM LOW NOISE AMPLIFIER/MIXER 900MHZ DOWNCONVERTER
RF2461 RFMD-RF2461 Datasheet
365Kb / 14P
CDMA/FM LOW NOISE AMPLIFIER/MIXER 900MHZ DOWNCONVERTER
RF2466 RFMD-RF2466 Datasheet
139Kb / 8P
3V CDMA/FM MIXER
logo
Intersil Corporation
HFA3665 INTERSIL-HFA3665 Datasheet
73Kb / 8P
CDMA/AMPS Downconverter with AGC Capability
May 1999
logo
RF Micro Devices
RF2870 RFMD-RF2870 Datasheet
400Kb / 14P
CDMA LOW NOISE AMPLIFIER/MIXER 900MHz DOWNCONVERTER
RF2461 RFMD-RF2461_06 Datasheet
355Kb / 12P
CDMA/FM LOW NOISE AMPLIFIER/MIXER 900MHz DOWNCONVERTER
RF2861 RFMD-RF2861_06 Datasheet
124Kb / 14P
CDMA LOW NOISE AMPLIFIER/MIXER 900MHz DOWNCONVERTER
RF2461 RFMD-RF2461_1 Datasheet
585Kb / 14P
CDMA/FM LOW NOISE AMPLIFIER/MIXER 900MHz DOWNCONVERTER
More results




About RF Micro Devices


RF Micro Devices (RFMD) was an American company that specialized in the design and manufacture of radio frequency (RF) components and solutions for wireless communications. The company was founded in 1991 and was headquartered in Greensboro, North Carolina. RFMD provided a wide range of products including power amplifiers, transceivers, filters, and other RF components that were used in mobile devices, Wi-Fi and Bluetooth modules, and other wireless systems.

RFMD was known for its expertise in RF technology and its ability to provide innovative and high-performance products. The company had a strong focus on research and development and was actively involved in the development of new technologies and solutions for the wireless industry. RFMD's products were widely used in a variety of applications and helped support the growth of the wireless industry.

In 2015, RFMD was acquired by Skyworks Solutions, Inc., a leading provider of high-performance analog semiconductors. The acquisition allowed Skyworks to expand its product portfolio and offerings in the RF market and further strengthen its position in the wireless industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com