Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SA9502 Datasheet (PDF) - NXP Semiconductors

SA9502 Datasheet PDF - NXP Semiconductors
Part # SA9502
Download  SA9502 Download
File Size   256.8 Kbytes
Page   26 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description Dual-band, CDMA/AMPS downconverter IC

SA9502 Datasheet (PDF)

Go To PDF Page Download Datasheet
SA9502 Datasheet PDF - NXP Semiconductors

Part # SA9502
Download  SA9502 Click to download

File Size   256.8 Kbytes
Page   26 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description Dual-band, CDMA/AMPS downconverter IC

SA9502 Datasheet (HTML) - NXP Semiconductors


SA9502 Product details

DESCRIPTION
The SA9502 integrates all the front end receive mixers necessary for use in dual-band, triple-mode CDMA/AMPS cellular phone handsets. There are three individual mixer blocks, each optimised for high linearity with low power consumption for operation in one of the following modes: High-band 1900MHz PCS CDMA, low-band 800MHz cellular CDMA or analog FM AMPS/TACS modes. Additionally, the entire circuit can be powered down and put into sleep mode, reducing the supply current to typically 12 µA. The circuit has been designed in our advanced QUBiC2 BiCMOS process with 20GHz fT.

FEATURES
• PCS and cellular downconverter mixers typical performance:
    – PCS: Gain=11.1dB, NF=8.4dB, IIP3= +1.8dBm
    – CDMA: Gain=11.3dB, NF=9.4dB, IIP3= +5.7dBm
    – FM: Gain= 7.5dB, NF=10.5dB, IIP3= +6.2dBm
• Separate, selectable IF outputs to suit FM and CDMA bandwiths
• PCS mixer LO: direct or via internal frequency doubler
• Switchable wideband LO output buffer
• Low voltage operation down to 2.7V
• Low current consumption in “idle”/receive modes:
    – PCS : 14.3mA @ 2.7V
    – CDMA: 17.6mA @ 2.7V
    – FM: 6.8mA @ 2.7V
• Low standby current in sleep mode, typically 12 µA
• TSSOP20 package

APPLICATIONS
• 800MHz analog FM and CDMA digital receivers
• 1900MHz PCS band CDMA digital recievers
• Supports dual-mode and triple-mode operation
• Digital mobile communications equipment
• Portable, low power radio equipment




Similar Part No. - SA9502

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SA9500 PHILIPS-SA9500 Datasheet
150Kb / 22P
Dual-band, CDMA/AMPS downconverter IC
1998 Aug 11
SA9500DH PHILIPS-SA9500DH Datasheet
150Kb / 22P
Dual-band, CDMA/AMPS downconverter IC
1998 Aug 11
SA9503 PHILIPS-SA9503 Datasheet
169Kb / 16P
Dual-band, CDMA/AMPS LNA and downconverter mixers
1999 Jul 29
SA9504 PHILIPS-SA9504 Datasheet
223Kb / 22P
Dual-band, PCSCDMA/AMPS LNA and downconverter mixers
1999 Oct 28
More results


Similar Description - SA9502

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SA9500 PHILIPS-SA9500 Datasheet
150Kb / 22P
Dual-band, CDMA/AMPS downconverter IC
1998 Aug 11
SA9503 PHILIPS-SA9503 Datasheet
169Kb / 16P
Dual-band, CDMA/AMPS LNA and downconverter mixers
1999 Jul 29
logo
TriQuint Semiconductor
TQ3131 TRIQUINT-TQ3131 Datasheet
226Kb / 16P
3V Cellular Band CDMA/AMPS LNA IC
TQ5131 TRIQUINT-TQ5131 Datasheet
111Kb / 14P
3V Cellular Band CDMA/AMPS RFA/Mixer IC
TQ5132 TRIQUINT-TQ5132 Datasheet
101Kb / 12P
3V Cellular Band CDMA/AMPS RFA/Mixer IC
TQ9222 TRIQUINT-TQ9222 Datasheet
278Kb / 16P
Dual-Band TDMA LNA/Downconverter IC
logo
Intersil Corporation
HFA3665 INTERSIL-HFA3665 Datasheet
73Kb / 8P
CDMA/AMPS Downconverter with AGC Capability
May 1999
logo
Mitel Networks Corporat...
VENUS-L MITEL-VENUS-L Datasheet
86Kb / 7P
CDMA/AMPS Dual Band RF Receiver
logo
TriQuint Semiconductor
TQ3M31 TRIQUINT-TQ3M31 Datasheet
381Kb / 18P
Dual Band LNA: 2.8V, Cellular and PCS Band CDMA/AMPS LNA IC
logo
Zarlink Semiconductor I...
VENUS-L ZARLINK-VENUS-L Datasheet
291Kb / 8P
CDMA/AMPS Dual Band and RF Receiver
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.
The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.
NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.
The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.
NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com