Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SA9502 Datasheet(PDF) 5 Page - NXP Semiconductors

Part # SA9502
Description  Dual-band, CDMA/AMPS downconverter IC
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SA9502 Datasheet(HTML) 5 Page - NXP Semiconductors

  SA9502 Datasheet HTML 1Page - NXP Semiconductors SA9502 Datasheet HTML 2Page - NXP Semiconductors SA9502 Datasheet HTML 3Page - NXP Semiconductors SA9502 Datasheet HTML 4Page - NXP Semiconductors SA9502 Datasheet HTML 5Page - NXP Semiconductors SA9502 Datasheet HTML 6Page - NXP Semiconductors SA9502 Datasheet HTML 7Page - NXP Semiconductors SA9502 Datasheet HTML 8Page - NXP Semiconductors SA9502 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 26 page
background image
Philips Semiconductors
Product specification
SA9502
Dual-band, CDMA/AMPS downconverter IC
1999 Mar 19
5
ABSOLUTE MAXIMUM RATINGS
PARAMETER
RATINGS
UNITS
Supply voltage (VCC)
–0.3 to +6.0
V
Logic input voltage
–0.3 to VCC+0.3
V
Maximum power input
+20
dBm
Power dissipation, Tamb=25°C
800
mW
Maximum operating junction temperature
150
°C
Storage temperature
–65 to +150
°C
RECOMMENDED OPERATING CONDITIONS
PARAMETER
TEST CONDITIONS
LIMITS
UNITS
PARAMETER
TEST CONDITIONS
MIN.
TYP.
MAX.
UNITS
Supply voltage (VCC)
2.7
3.0
4.0
V
Logic input voltage range
LOW
–0.3
0.2VCC
V
Logic input voltage range
HIGH
0.5VCC
VCC+0.3
V
Operating ambient temperature range (Tamb)
–30
+85
°C
Operating junction temperature range
0
105
°C
MODE SELECT LOGIC AND DC CHARACTERISTICS
Table 2.
Mode Logic Definition
VCC = 2.7 V to 4.0 V; Tamb = –30°C to +85°C, unless specified otherwise.
MODE
MODE DESCRIPTION
LO
BUFFER
ENABLE
POWER
ON/OFF
PCS/CEL
CDMA/FM
TYPICAL
CURRENT
CONSUMPTION
@ VCC = 2.7 V
MAXIMUM
CURRENT
CONSUMPTION
FIGURE
1
PCS RxTx
(with doubled LO)
high
high
high
high
27.3 mA
33 mA
3
2
PCS Idle
(with doubled LO)
low
high
high
high
18.4 mA
22 mA
4
3
PCS RxTx
(with direct LO)
high
high
high
low
23.3 mA
28 mA
5
4
PCS Rx Idle
(with direct LO)
low
high
high
low
14.3 mA
17 mA
6
5
Cellular CDMA RxTx
high
high
low
high
23.2 mA
28.5 mA
7
6
Cellular CDMA Rx Idle
low
high
low
high
17.6 mA
21.0 mA
8
7
Cellular FM RxTx
high
high
low
low
11.9 mA
15.5 mA
9
8
Cellular FM Rx Idle
low
high
low
low
6.8 mA
7.8 mA
10
9
Sleep
x
low
x
x
12
µA
50
µA
NOTE:
x = Don’t care



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com