Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SA9502 Datasheet(PDF) 12 Page - NXP Semiconductors

Part # SA9502
Description  Dual-band, CDMA/AMPS downconverter IC
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SA9502 Datasheet(HTML) 12 Page - NXP Semiconductors

Back Button SA9502 Datasheet HTML 8Page - NXP Semiconductors SA9502 Datasheet HTML 9Page - NXP Semiconductors SA9502 Datasheet HTML 10Page - NXP Semiconductors SA9502 Datasheet HTML 11Page - NXP Semiconductors SA9502 Datasheet HTML 12Page - NXP Semiconductors SA9502 Datasheet HTML 13Page - NXP Semiconductors SA9502 Datasheet HTML 14Page - NXP Semiconductors SA9502 Datasheet HTML 15Page - NXP Semiconductors SA9502 Datasheet HTML 16Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 26 page
background image
Philips Semiconductors
Product specification
SA9502
Dual-band, CDMA/AMPS downconverter IC
1999 Mar 19
12
PERFORMANCE CHARACTERISTICS
Conversion Gain – PCS Mixer
Conversion Gain vs. Frequency
T = 25
°C, PCS, Doubled LO
+2.7V
+3.6V
12
11.5
11
10.5
10
1920
1940
1960
1980
2000
FREQ. (MHz)
SR01835
Figure 27.
Conversion Gain vs. Frequency
VCC = 3.6V, PCS, Doubled LO
–30
°C
+25
°C
+85
°C
13.5
12.5
11.5
10.5
9.5
8.5
1920
1940
1960
1980
2000
FREQ. (MHz)
SR01836
Figure 28.
–15
LO INPUT POWER (dBm)
Conversion Gain vs. LO Input Power
T = 25
°C, PCS, Doubled LO
VCC = +2.7°C
VCC = +3.6°C
VCC = +4°C
12.0
10.0
8.0
6.0
4.0
2.0
0.0
–2.0
–4.0
–6.0
–8.0
–12
–9
–6
–3
0
SR01837
Figure 29.
Conversion Gain vs. LO Input Power
VCC = 3.6V, PCS, Doubled LO
–30
°C
+25
°C
+85
°C
12.0
10.0
8.0
6.0
4.0
2.0
0.0
–2.0
–4.0
–6.0
–8.0
–15
–12
–9
–6
–3
0
LO INPUT POWER (dBm)
SR01838
Figure 30.
Conversion Gain vs. RF Input Power
T = 25
°C, PCS, Doubled LO
VCC = +2.7V
VCC = +3.6V
VCC = +4V
11.5
11.0
10.5
10.0
9.5
–35
–33
–31
–29
–27
–25
RF INPUT POWER (dBm)
SR01839
Figure 31.
Conversion Gain vs. RF Input Power
VCC = 3.6V, PCS, Doubled LO
–30
°C
+25
°C
+85
°C
11.5
11.0
10.5
10.0
9.5
9.0
8.5
–35
–33
–31
–29
–27
–25
RF INPUT POWER (dBm)
SR01840
Figure 32.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com