Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SA9502 Datasheet(PDF) 3 Page - NXP Semiconductors

Part # SA9502
Description  Dual-band, CDMA/AMPS downconverter IC
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SA9502 Datasheet(HTML) 3 Page - NXP Semiconductors

  SA9502 Datasheet HTML 1Page - NXP Semiconductors SA9502 Datasheet HTML 2Page - NXP Semiconductors SA9502 Datasheet HTML 3Page - NXP Semiconductors SA9502 Datasheet HTML 4Page - NXP Semiconductors SA9502 Datasheet HTML 5Page - NXP Semiconductors SA9502 Datasheet HTML 6Page - NXP Semiconductors SA9502 Datasheet HTML 7Page - NXP Semiconductors SA9502 Datasheet HTML 8Page - NXP Semiconductors SA9502 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 26 page
background image
Philips Semiconductors
Product specification
SA9502
Dual-band, CDMA/AMPS downconverter IC
1999 Mar 19
3
BLOCK DIAGRAM
2
2
CELL
PCS
PCS_in
RX BPF
Fo = 1960 MHz
BW = 60 MHz
2
CDMA_Out
2
CDMA IF BPF
Fo = 85.38MHz
BW = 1.23MHz
×2
2
2
2
2
2
1
1
1
Cell_in
RX BPF
Fo = 881.5MHz
BW = 45 MHz
1
CDMA/FM
PCS/CELL
LO OUT
LO BUFFER
ENABLE
CEL
LO IN
VCC
PWR ON/OFF
BIAS
CTRL
SA9502
1
FM_Out
FM IF BPF
Fo = 85.38MHz
BW = 30kHz
SR01718
CELL
PCS
MODE
SELECT
LOGIC
PCS LO
Figure 1.
Block Diagram
Table 1.
Mode Selection Summary
PCS/CEL (Pin 6)
CDMA/FM/LO doubler (Pin 17)
MODE
low
low
Cellular FM
low
high
Cellular CDMA
high
low
CDMA PCS, direct LO in
high
high
CDMA PCS, LO via frequency doubler



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com