Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SA9502 Datasheet(PDF) 9 Page - NXP Semiconductors

Part # SA9502
Description  Dual-band, CDMA/AMPS downconverter IC
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SA9502 Datasheet(HTML) 9 Page - NXP Semiconductors

Back Button SA9502 Datasheet HTML 5Page - NXP Semiconductors SA9502 Datasheet HTML 6Page - NXP Semiconductors SA9502 Datasheet HTML 7Page - NXP Semiconductors SA9502 Datasheet HTML 8Page - NXP Semiconductors SA9502 Datasheet HTML 9Page - NXP Semiconductors SA9502 Datasheet HTML 10Page - NXP Semiconductors SA9502 Datasheet HTML 11Page - NXP Semiconductors SA9502 Datasheet HTML 12Page - NXP Semiconductors SA9502 Datasheet HTML 13Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 26 page
background image
Philips Semiconductors
Product specification
SA9502
Dual-band, CDMA/AMPS downconverter IC
1999 Mar 19
9
PERFORMANCE CHARACTERISTICS
Mixer Noise Figure
CELLULAR
FM
CELLULAR
CDMA
SR01807
Noise Figure vs. Temperature
VCC = 3.6V, Cellular RF Freq. = 880 MHz
–35
–15
5
25
45
65
85
105
11.2
10.8
10.4
10.0
9.6
9.2
8.8
TEMPERATURE (
°C)
Figure 11.
CELLULAR
FM
CELLULAR
CDMA
SR01808
11.0
10.5
10.0
9.5
9.0
8.5
8.0
Noise Figure vs. Cellular RF Frequency
VCC = 3.6V, T = 25°C
FREQUENCY (MHz)
865
870
875
880
885
890
895
Figure 12.
PCS,
DIRECT LO
PCS,
DOUBLED LO
SR01809
Noise Figure vs. Temperature
VCC = 3.6V, PCS RF Freq. = 1960 MHz
TEMPERATURE
〈°C)
12.0
10.0
8.0
6.0
4.0
2.0
0
–35
–15
5
25
45
65
85
105
Figure 13.
PCS,
DIRECT LO
PCS,
DOUBLED LO
Noise Figure vs. PCS RF Frequency
VCC = 3.6V, T = 25°C
SR01810
10.0
9.0
8.0
7.0
6.0
5.0
1920
1940
1960
1980
2000
FREQUENCY (MHz)
Figure 14.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com