Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SA9502 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # SA9502
Description  Dual-band, CDMA/AMPS downconverter IC
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SA9502 Datasheet(HTML) 2 Page - NXP Semiconductors

  SA9502 Datasheet HTML 1Page - NXP Semiconductors SA9502 Datasheet HTML 2Page - NXP Semiconductors SA9502 Datasheet HTML 3Page - NXP Semiconductors SA9502 Datasheet HTML 4Page - NXP Semiconductors SA9502 Datasheet HTML 5Page - NXP Semiconductors SA9502 Datasheet HTML 6Page - NXP Semiconductors SA9502 Datasheet HTML 7Page - NXP Semiconductors SA9502 Datasheet HTML 8Page - NXP Semiconductors SA9502 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 26 page
background image
Philips Semiconductors
Product specification
SA9502
Dual-band, CDMA/AMPS downconverter IC
2
1999 Mar 19
853–2135 21064
DESCRIPTION
The SA9502 integrates all the front end receive mixers necessary
for use in dual-band, triple-mode CDMA/AMPS cellular phone
handsets. There are three individual mixer blocks, each optimised
for high linearity with low power consumption for operation in one of
the following modes: High-band 1900MHz PCS CDMA, low-band
800MHz cellular CDMA or analog FM AMPS/TACS modes.
Additionally, the entire circuit can be powered down and put into
sleep mode, reducing the supply current to typically 12
µA. The
circuit has been designed in our advanced QUBiC2 BiCMOS
process with 20GHz fT.
FEATURES
• PCS and cellular downconverter mixers typical performance:
– PCS:
Gain=11.1dB, NF=8.4dB, IIP3= +1.8dBm
– CDMA:
Gain=11.3dB, NF=9.4dB, IIP3= +5.7dBm
– FM:
Gain= 7.5dB, NF=10.5dB, IIP3= +6.2dBm
• Separate, selectable IF outputs to suit FM and CDMA bandwiths
• PCS mixer LO: direct or via internal frequency doubler
• Switchable wideband LO output buffer
• Low voltage operation down to 2.7V
• Low current consumption in “idle”/receive modes:
– PCS :
14.3mA @ 2.7V
– CDMA:
17.6mA @ 2.7V
– FM:
6.8mA @ 2.7V
• Low standby current in sleep mode, typically 12 µA
• TSSOP20 package
APPLICATIONS
• 800MHz analog FM and CDMA digital receivers
• 1900MHz PCS band CDMA digital recievers
• Supports dual-mode and triple-mode operation
• Digital mobile communications equipment
• Portable, low power radio equipment
ORDERING INFORMATION
EXTENDED
PACKAGE
TYPE NUMBER
PINS
PIN POSITION
MATERIAL
CODE
SA9502DH
20
TSSOP
Plastic thin shrink small outline package; body 6.5 x 4.4 x 1.1 mm
SOT360-1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com