Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SA9502 Datasheet(PDF) 14 Page - NXP Semiconductors

Part # SA9502
Description  Dual-band, CDMA/AMPS downconverter IC
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SA9502 Datasheet(HTML) 14 Page - NXP Semiconductors

Back Button SA9502 Datasheet HTML 10Page - NXP Semiconductors SA9502 Datasheet HTML 11Page - NXP Semiconductors SA9502 Datasheet HTML 12Page - NXP Semiconductors SA9502 Datasheet HTML 13Page - NXP Semiconductors SA9502 Datasheet HTML 14Page - NXP Semiconductors SA9502 Datasheet HTML 15Page - NXP Semiconductors SA9502 Datasheet HTML 16Page - NXP Semiconductors SA9502 Datasheet HTML 17Page - NXP Semiconductors SA9502 Datasheet HTML 18Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 26 page
background image
Philips Semiconductors
Product specification
SA9502
Dual-band, CDMA/AMPS downconverter IC
1999 Mar 19
14
PERFORMANCE CHARACTERISTICS
Input IP3
5.5
Input IP3 vs. Temperature
VCC = 3.6V, Cellular RF Freq: 880 MHz
CELL
CDMA
CELL
FM
8.0
7.5
7.0
6.5
6.0
5.0
4.5
4.0
–35
–15
5
25
45
65
85
105
TEMP (C)
SR01847
8.5
Figure 39.
Input IP3 vs. VCC
T = 25
°C, Cellular RF Freq: 880 MHz
CELL FM
CELL CDMA
7.0
6.5
6.0
5.5
5.0
2.5
3
3.5
4
VCC (V)
SR01848
7.5
Figure 40.
Input IP3 vs. Temperature
VCC = 3.6V, PCS RF Freq: 1960 MHz
PCS
DIRECT LO
PCS
DOUBLED LO
2.5
2
1.5
1
0.5
0
–0.5
–35
–15
5
25
45
65
85
105
TEMP (C)
SR01849
Figure 41.
Input IP3 vs. VCC
T = 25
°C, PCS RF Freq: 1960 MHz
PCS
DIRECT LO
PCS
DOUBLED LO
2
1.6
1.2
0.8
0.4
0
2.5
3
3.5
4
VCC (V)
SR01850
Figure 42.
Input IP3 vs. Cellular RF Frequency
VCC = 3.6V, T = 25°C
CELL CDMA
CELL FM
8
7.5
7
6.5
6
5.5
865
870
875
880
885
890
895
FREQ. (MHz)
SR01851
Figure 43.
Input IP3 vs. PCS RF Frequency
VCC = 3.6V, T = 25°C
PCS
DIRECT LO
PCS
DOUBLED LO
2.5
2
1.5
1
0.5
0
1920
1940
1960
1980
2000
FREQ (MHz)
SR01852
Figure 44.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com