Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SA9502 Datasheet(PDF) 16 Page - NXP Semiconductors

Part # SA9502
Description  Dual-band, CDMA/AMPS downconverter IC
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SA9502 Datasheet(HTML) 16 Page - NXP Semiconductors

Back Button SA9502 Datasheet HTML 12Page - NXP Semiconductors SA9502 Datasheet HTML 13Page - NXP Semiconductors SA9502 Datasheet HTML 14Page - NXP Semiconductors SA9502 Datasheet HTML 15Page - NXP Semiconductors SA9502 Datasheet HTML 16Page - NXP Semiconductors SA9502 Datasheet HTML 17Page - NXP Semiconductors SA9502 Datasheet HTML 18Page - NXP Semiconductors SA9502 Datasheet HTML 19Page - NXP Semiconductors SA9502 Datasheet HTML 20Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 26 page
background image
Philips Semiconductors
Product specification
SA9502
Dual-band, CDMA/AMPS downconverter IC
1999 Mar 19
16
2
3
4
1
1: 35.711
Ω
–3.1914
Ω
200.25MHz
2: 23.251
Ω
18.894
Ω
500MHz
3: 30.5
Ω
50.623
Ω
900MHz
4: 53.047
Ω
77.758
Ω
10.313nH
1.2GHz
START:
100MHz
STOP:
1.35GHz
SR01780
Figure 46.
Typical S22 of LO Output for the Cellular Band @ VCC = 3.6V
Table 4.
Typical S-Parameter of LO Output for Cellular Band @ VCC = 3.6V
FREQUENCY (MHz)
S22
<S22 (DEG)
100
0.09
–143.49
150
0.13
–153.08
200
0.17
–165.13
250
0.21
–176.62
300
0.26
172.24
350
0.31
161.47
400
0.36
150.70
450
0.40
140.09
500
0.43
130.28
550
0.46
121.52
600
0.48
113.59
650
0.50
106.59
700
0.52
100.18
750
0.54
94.52
800
0.55
89.12
850
0.56
84.05
900
0.57
78.74
950
0.57
73.92
1000
0.58
69.23
1050
0.59
64.44
1100
0.59
59.62
1150
0.60
55.17
1200
0.60
50.70
1250
0.60
46.34
1300
0.61
42.11
1350
0.61
37.86



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com