Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SA9502 Datasheet(PDF) 4 Page - NXP Semiconductors

Part # SA9502
Description  Dual-band, CDMA/AMPS downconverter IC
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SA9502 Datasheet(HTML) 4 Page - NXP Semiconductors

  SA9502 Datasheet HTML 1Page - NXP Semiconductors SA9502 Datasheet HTML 2Page - NXP Semiconductors SA9502 Datasheet HTML 3Page - NXP Semiconductors SA9502 Datasheet HTML 4Page - NXP Semiconductors SA9502 Datasheet HTML 5Page - NXP Semiconductors SA9502 Datasheet HTML 6Page - NXP Semiconductors SA9502 Datasheet HTML 7Page - NXP Semiconductors SA9502 Datasheet HTML 8Page - NXP Semiconductors SA9502 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 26 page
background image
Philips Semiconductors
Product specification
SA9502
Dual-band, CDMA/AMPS downconverter IC
1999 Mar 19
4
PIN CONFIGURATION
1
2
3
4
5
6
7
8
9
11
12
13
14
15
16
17
18
19
20
FM IF
FM IFB
GND
PCS RF
PCS RFB
PCS/CEL SEL
PWR ON/OFF
CEL RF
GND
VCC
CDMA IF
CDMA IFB
GND
CDMA/FM SEL
CEL LO IN
GND
PCS LO
GND
LO BUFFER ENABLE
LO OUT
10
SR01760
Figure 2.
Pin Configuration
PIN DESCRIPTION
PIN
SYMBOL
DESCRIPTION
1
FM IF
Non-inverting FM IF output
2
FM IFB
Inverting FM IF output
3
GND
Analog ground
4
PCS RF
non-inverting PCS RF input
5
PCS RFB
Inverting PCS RF input
6
PCS/CEL SEL
PCS and cellular band select
7
PWR ON/OFF
Power enable
8
CEL RF
Cellular RF input
9
GND
Ground
10
VCC
Power supply
11
LO OUT
LO output to synthesizer
12
GND
Ground
13
LO BUFFER
ENABLE
Logic signal which switches the LO
buffer output ON or OFF
14
PCS LO
PCS mixer direct LO input
15
GND
Ground
16
CEL LO
Cellular LO input
17
CDMA/FM SEL
CDMA and FM mode select in cellular
band; LO direct or via frequency
doubler in PCS mode
18
GND
Ground
19
CDMA IFB
Inverting CDMA IF output
20
CDMA IF
Non-inverting CDMA IF output
FUNCTIONAL DESCRIPTION
Mode Selection Logic
The SA9502 downconverter IC has several modes of operation for
which the selection logic is summarized in Table 1 and defined in
detail in Table 2. Different mode selections require different portions
of the circuit to be active. It should be noted that only the states
specified in Table 2 are valid selections for operation.
Local Oscillator Section
Local oscillator drive for the mixers is provided through single ended
inputs on either pin 16 (CEL LO) or pin 14 (PCS LO). The LO signal
has to be AC-coupled into the circuit and needs to be externally
matched. Inside the circuit, the cellular band LO signal is amplified
and buffered to drive: Either the cellular CDMA mixer or FM mixer
or the frequency doubler for the PCS mixer LO and additionally the
LO output buffer. The mode selection summary in Table 1 shows the
logic to apply to pins 6 and 17 to choose one of four possible
modes. The LO output buffer can be programmed on or off via LO
Buffer Enable (Pin 13). The LO output buffer’s frequency is the
same as that used by the mixers.
Cellular and PCS Mixers
The SA9502 has one single ended cellular band RF input which
feeds either the cellular CDMA mixer or the cellular FM mixer
circuits. Each mixer is optimized to meet cellular band CDMA or
analog FM requirements. The cellular FM mixer has its own
dedicated differential output on pins 1 and 2 which should to be
externally matched to the FM IF SAW filter. The cellular CDMA
mixer shares the same output pins with the CDMA PCS mixer.
Selection between these two mixers is via pin 6 (PCS/CEL) and as
the two mixers are never on at the same time, it allows a common
CDMA SAW filter to be used for both bands. The CDMA PCS mixer
has a differential RF input which should be used with an external
balun matching circuit. To avoid upsetting the internal biasing, the
RF inputs at both cellular and PCS band mixers should be
AC-coupled in. The CDMA and FM IF mixer outputs are of the open
collector type. So, they should be biased to the supply voltage VCC
with external tuning inductors which can also serve in the matching
of the IF SAW filter.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com