Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SA9502 Datasheet(PDF) 7 Page - NXP Semiconductors

Part # SA9502
Description  Dual-band, CDMA/AMPS downconverter IC
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SA9502 Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button SA9502 Datasheet HTML 3Page - NXP Semiconductors SA9502 Datasheet HTML 4Page - NXP Semiconductors SA9502 Datasheet HTML 5Page - NXP Semiconductors SA9502 Datasheet HTML 6Page - NXP Semiconductors SA9502 Datasheet HTML 7Page - NXP Semiconductors SA9502 Datasheet HTML 8Page - NXP Semiconductors SA9502 Datasheet HTML 9Page - NXP Semiconductors SA9502 Datasheet HTML 10Page - NXP Semiconductors SA9502 Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 26 page
background image
Philips Semiconductors
Product specification
SA9502
Dual-band, CDMA/AMPS downconverter IC
1999 Mar 19
7
AC ELECTRICAL CHARACTERISTICS (continued)
VCC = 2.7V; Tamb= +25°C; Plo = –3 dBm, fIF = 85.40 MHz and measured on Philips demonstration board; unless specified otherwise.
PARAMETER
TEST CONDITIONS
UNITS
PARAMETER
TEST CONDITIONS
MIN
–3
σ
TYP.
+3
σ
MAX.
UNITS
PCS Downconverter
RF input frequency range
1810
1990
MHz
LO input frequency range
With doubler
860
1050
MHz
LO input frequency range
Direct PCS LO
1720
2200
MHz
IF output frequency range
50
300
MHz
IF output load impedance
Differential
1000
Ω
Conversion gain
@ fIF, over RF/LO frequency ranges
10.5
11.1
11.7
dB
Noise figure
@ fIF, over RF/LO frequency ranges, SSB
8.4
9.3
dB
Input IP3
@ fIF, over RF/LO frequency
direct LO
0.5
1.8
dBm
Input IP3
IF,q
y
ranges at 25
°C @ VCC = 3.6V
doubled LO
0.1
1.2
dBm
RF input return loss
ZS = 50Ω, with external balun
7.5
dB
LO input return loss
ZS = 50Ω
10
dB
LO output return loss
ZS = 50Ω, single LO out
8
dB
LO input power range
–6
–3
0
dBm
LO output power range
ZL = 50Ω, single LO out with LO buffer on
(Pin 13 = High)
–10.0
–8.5
–7
dBm
LO (input and output) to RF leakage
Single-ended in, single-ended out,
with and without doubler
–56
–47
dBm
LO (input and output) to IF leakage
Single-ended in, differential out,
with and without doubler
–43
–39
dBm
RF to LO (input) isolation
Single-ended in, single-ended out,
with and without doubler
44
46
dB
RF to IF isolation
Single-ended in, differential out
32
40
dB
LO output to LO input isolation
Single-ended in, single-ended out,
with doubler
30
31
dB
1/2 IF supurious rejection
1/2 IF spur, fIF = 85.4 MHz/111.38 MHz,
with doubler, Pint = –30 dBm at RF input.
42
46
dB
1/2 IF supurious rejection
1/2 IF spur, fIF = 85.4 MHz/111.38 MHz,
without doubler, Pint = –30 dBm at RF input.
68
76
dB
Spurious response rejection
With Tx band interferer at LO input port or LO
buffer output port of –40 dBm max and with
Pint = –21 dBm in Rx band.
43
44
dB
Spurious response rejection
With Tx band interferer at RF
input port of –40 dBm max and
direct LO
59
64
dB
in ut ort of –40 dBm max and
with Pint = –21 dBm in Rx band.
doubled LO
53
61
dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com