Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SA9504 Datasheet (PDF) - NXP Semiconductors

SA9504 Datasheet PDF - NXP Semiconductors
Part # SA9504
Download  SA9504 Download
File Size   223.35 Kbytes
Page   22 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description Dual-band, PCSCDMA/AMPS LNA and downconverter mixers

SA9504 Datasheet (PDF)

Go To PDF Page Download Datasheet
SA9504 Datasheet PDF - NXP Semiconductors

Part # SA9504
Download  SA9504 Click to download

File Size   223.35 Kbytes
Page   22 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description Dual-band, PCSCDMA/AMPS LNA and downconverter mixers

SA9504 Datasheet (HTML) - NXP Semiconductors


SA9504 Product details

DESCRIPTION
The SA9504 is an integrated receiver front-end for 900 MHz Cellular (AMPS) and 1.9 GHz PCS (CDMA) phones. This dual-band receiver circuit has low noise amplifiers and downconverters for both bands, and provides an elegant solution for RF-to-IF conversion.
The two cascode LNAs have been designed to provide high gain with very low noise figures and high linearity. The downconverter portion is based on the Philips SA9502. There are two individual mixer blocks, each optimized for low noise figure and high linearity. The whole circuit is designed for low power consumption, high performance, and is compatible with the requirements for Cellular (AMPS) and PCS (CDMA) handsets.
The circuit has been designed in our advanced QUBiC3 BiCMOS process with 30 GHz fT and 60 GHz fMAX.

FEATURES
LNA typical performance
• LNAs for both Cellular (AMPS) and PCS (CDMA) bands
• High gain, low noise figure, high linearity performance
• Cascode output structure requiring no external matching
• Low power consumption, typical 4.9 mA
• Low voltage operation down to 2.7 volts

Downconverter typical performance
• Separate, selectable IF outputs to suit FM and CDMA bandwidths
• Buffered Cellular and PCS LO inputs
• Integrated frequency doubler for PCS mixer LO
• Differential (Tx) LO output buffer (can be switched on or off)
• Low voltage operation down to 2.7 volts
• Mixers current consumption with (Tx) LO buffer on:
   – Cellular FM: 17.4 mA
   – PCS: 27.6 mA
• Low standby current in sleep mode: <50 µA
• Small LQFP32 package

APPLICATIONS
• 800 MHz analog FM and receivers
• 1.9 GHz PCS (CDMA) digital receivers
• Supports dual-band operation
• Digital mobile communications equipment
• Portable, low power radio equipment




Similar Part No. - SA9504

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SA9500 PHILIPS-SA9500 Datasheet
150Kb / 22P
Dual-band, CDMA/AMPS downconverter IC
1998 Aug 11
SA9500DH PHILIPS-SA9500DH Datasheet
150Kb / 22P
Dual-band, CDMA/AMPS downconverter IC
1998 Aug 11
SA9502 PHILIPS-SA9502 Datasheet
256Kb / 26P
Dual-band, CDMA/AMPS downconverter IC
1999 Mar 19
SA9502DH PHILIPS-SA9502DH Datasheet
256Kb / 26P
Dual-band, CDMA/AMPS downconverter IC
1999 Mar 19
SA9503 PHILIPS-SA9503 Datasheet
169Kb / 16P
Dual-band, CDMA/AMPS LNA and downconverter mixers
1999 Jul 29
More results


Similar Description - SA9504

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SA9500 PHILIPS-SA9500 Datasheet
150Kb / 22P
Dual-band, CDMA/AMPS downconverter IC
1998 Aug 11
SA9502 PHILIPS-SA9502 Datasheet
256Kb / 26P
Dual-band, CDMA/AMPS downconverter IC
1999 Mar 19
SA9503 PHILIPS-SA9503 Datasheet
169Kb / 16P
Dual-band, CDMA/AMPS LNA and downconverter mixers
1999 Jul 29
logo
TriQuint Semiconductor
TQ9222 TRIQUINT-TQ9222 Datasheet
278Kb / 16P
Dual-Band TDMA LNA/Downconverter IC
logo
Maxim Integrated Produc...
MAX2323 MAXIM-MAX2323 Datasheet
164Kb / 14P
Triple/Dual-Mode CDMA LNA/Mixers
Rev 0; 7/00
logo
List of Unclassifed Man...
CV211-2 ETC1-CV211-2 Datasheet
430Kb / 7P
UMTS-band Dual-Branch Downconverter
logo
Maxim Integrated Produc...
MAX2338 MAXIM-MAX2338 Datasheet
210Kb / 13P
Triple/Dual-Mode CDMA LNA/Mixers
Rev 1; 3/01
logo
TriQuint Semiconductor
TQ3M31 TRIQUINT-TQ3M31 Datasheet
381Kb / 18P
Dual Band LNA: 2.8V, Cellular and PCS Band CDMA/AMPS LNA IC
logo
WJ Communication. Inc.
CV210-1A WJCI-CV210-1A Datasheet
311Kb / 6P
Cellular-band Dual-Branch Downconverter
logo
Maxim Integrated Produc...
MAX2338 MAXIM-MAX2338_V01 Datasheet
214Kb / 13P
Triple/Dual-Mode CDMA LNA/Mixers
2003
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.
The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.
NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.
The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.
NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com